Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 19Page - STMicroelectronics L8229 Datasheet HTML 20Page - STMicroelectronics L8229 Datasheet HTML 21Page - STMicroelectronics L8229 Datasheet HTML 22Page - STMicroelectronics L8229 Datasheet HTML 23Page - STMicroelectronics L8229 Datasheet HTML 24Page - STMicroelectronics L8229 Datasheet HTML 25Page - STMicroelectronics L8229 Datasheet HTML 26Page - STMicroelectronics L8229 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
L8229_0 and L8229_1 modes
23/42
Figure 8.
SPI Operations
Bit15
Bit14
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Data latched on rising edge of SCLK
T
DHD
T
SCLK-CS
T
CS-SCLK
T
DSU
LSB
MSB
SDI
SCLK
nCS
Table 17.
SPI Timing specifications
(0°C
≤ T
j ≤ 125°C, VS = 32 V, unless otherwise specified)
Name
Description
MIN
TYP
MAX
Units
Fclk
Serial clock frequency
8
12
MHz
Tclh
SCLK high width
30
ns
Tcll
SCLK low width
30
ns
Tcs-sclk
Delay nCS falling to first SCLK rising
10
ns
Tsclk-cs
Delay last SCLK rising edge to nCS rising
10
ns
Tdsu
Data valid to SCLK set up time
10
ns
Tdhd
Data hold time
10
ns
Tcs-cs
Delay required from (n-1)CS to nCS
10
ns
Trd
SDI rise time
0
20
ns
Tfd
SDI fall time
0
20
ns
Trfc
SCLK rise/fall time
0
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com