Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 15Page - STMicroelectronics L8229 Datasheet HTML 16Page - STMicroelectronics L8229 Datasheet HTML 17Page - STMicroelectronics L8229 Datasheet HTML 18Page - STMicroelectronics L8229 Datasheet HTML 19Page - STMicroelectronics L8229 Datasheet HTML 20Page - STMicroelectronics L8229 Datasheet HTML 21Page - STMicroelectronics L8229 Datasheet HTML 22Page - STMicroelectronics L8229 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
L6219_8 mode
19/42
11
0
IOUT / Imax=0.93
-
11
1
IOUT / Imax=1
-
00
0
-
IOUT / Imax=1
00
1
-
IOUT / Imax=0.93
01
0
-
IOUT / Imax=0.87
01
1
-
IOUT / Imax=0.77
10
0
-
IOUT / Imax=0.61
10
1
-
IOUT / Imax=0.42
11
0
-
IOUT / Imax=0.22
1
1
1
-
No current
Table 13.
AC/Transient Specification
Symbol
Description
Min
Typ
Max
MD_h
Mixed decay trip point high
0.93Vcc ±75mV
MD_l
Mixed decay trip point low
0.33Vcc ±50mV
Table 14.
Timing specifications
(0°C
≤ T
j ≤ 125°C, VS = 32 V, unless otherwise specified)
Name
Description
MIN
TYP
MAX
Units
Fstb
Strobe frequency
6
MHz
Thstb
Strobe high width
20
ns
Tlstb
Strobe low width
20
ns
Trd_stb
STB rise time
0
10
ns
Tfd_stb
STB fall time
0
10
ns
Trd_Ixx
I01,I11,I12 rise time
0
10
ns
Tfd_Ixx
I01,I11,I12 fall time
0
10
ns
Tsu_Ixx
I01,I11,I12 setup time
15
ns
Thd_Ixx
I01,I11,I12 hold time
15
ns
Table 12.
Current levels (continued)
STB
I01
I11
I12
Current level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com