Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 21Page - STMicroelectronics L8229 Datasheet HTML 22Page - STMicroelectronics L8229 Datasheet HTML 23Page - STMicroelectronics L8229 Datasheet HTML 24Page - STMicroelectronics L8229 Datasheet HTML 25Page - STMicroelectronics L8229 Datasheet HTML 26Page - STMicroelectronics L8229 Datasheet HTML 27Page - STMicroelectronics L8229 Datasheet HTML 28Page - STMicroelectronics L8229 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
L8229_0 and L8229_1 modes
25/42
8.3
W1 (PARAMETERS: Bit 2=0, Bit 1=1)
This word is mainly used to set motor related parameters.
10
DAC2 BIT 2
0
BIT2 for DAC intended to regulate the current of Bridge 2
11
DAC2 BIT 3
0
BIT3 for DAC intended to regulate the current of Bridge 2
12
DAC2 BIT 4
0
BIT4 for DAC intended to regulate the current of Bridge 2
13
DAC2 BIT 5 (MSB)
0
MSB for DAC intended to regulate the current of Bridge 2
14
PHASE 2
0
Controls the direction of current flow Bridge 2.
A logic HIGH level causes current flow from A (source) to B (sink).
15
PARALLEL OUTPUT
0
This bit must be set to 1 when otputs are paralled to drive a single DC
motor
Table 19.
W0 (continued)
BIT #
NAME
RESET
VALUE
DESCRIPTION
Table 20.
W1
BIT #
NAME
RESET
VALUE
DESCRIPTION
0
CHIP ADDRESS
0
This bit is used to select if the informations provided by bits 1 to 15 are
referred to chip 0 or chip 1. This is useful in the case that two L8229 are
present on the same board and a single nCS line is used.
1
WORD ADDRESS 1
0
This is the LSB of the two bits used to address the word.
2
WORD ADDRESS 2
0
This is the MSB of the two bits used to address the word.
3
NSLEEP
0
This bit is used to decide if the device should exit sleep mode.
4
OFF1
0
LSB for fixing the Toff time (see following Table 32).
5
OFF2
0
BIT 2 for fixing the Toff time (see following Table 32).
6
OFF3
0
BIT 3 for fixing the Toff time (see following Table 32).
7
OFF4
0
BIT 4 for fixing the Toff time (see following Table 32).
8
OFF5
0
MSB for fixing the Toff time (see following Table 32).
9
FASTDEC1
0
LSB for fixing the Fast Decay time (see followingTable 31).
10
FASTDEC2
0
BIT 2 for fixing the Fast Decay time (see following Table 31).
11
FASTDEC3
0
BIT 3 for fixing the Fast Decay time (see following Table 31).
12
FASTDEC4
0
MSB for fixing the Fast Decay time (see following Table 31).
13
SYNCRECT1
0
LSB to decide the rectification mode (see following Table 35).
14
SYNCRECT2
0
MSB to decide the rectification mode (see following Table 35).
15
Brake
0
This bit is used to put outputs in brake mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com