Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 1 Page - STMicroelectronics

  L8229 Datasheet HTML 1Page - STMicroelectronics L8229 Datasheet HTML 2Page - STMicroelectronics L8229 Datasheet HTML 3Page - STMicroelectronics L8229 Datasheet HTML 4Page - STMicroelectronics L8229 Datasheet HTML 5Page - STMicroelectronics L8229 Datasheet HTML 6Page - STMicroelectronics L8229 Datasheet HTML 7Page - STMicroelectronics L8229 Datasheet HTML 8Page - STMicroelectronics L8229 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
September 2006
Rev 5
1/42
1
L8229
Dual DMOS full bridge stepper/DC motor driver
Features
■ Flexible Motor Driver configurations:
– Dual Full Bridge for one bipolar Stepping motor.
– Dual or single DC motor driver.
■ Programmable by two input pins to achieve
one of the following functionalities:
– Pin to pin compatible with ST L6219 or
– Stepping motor direct control with 8 current
levels or
– Driver parameters control by means of
Serial Port.
■ Mixed Decay.
■ Micro stepping function.
■ BCD5 technology (No Charge Pump required).
■ Supply Range from 8V to 38V.
■ IOUT up to 1.2A (1.5A peak).
■ RDSon= 0.85Ω (typ) for each switch.
■ Input logic level compatible with 3.3V or 5V
control signals.
■ Package: PwSSO24.
Description
This IC is designed to be very flexible in driving
Stepping or DC motors.
By connecting to Vcc or to Gnd two program pins
(pin 7 and 18) the user has the possibility to set
up the device in different configurations.
1.
The first configuration is an identical
application of ST L6219 but with increased
current. In this configuration L8229 provides
a continuous current of the output stage up
to 1.2A (1.5A peak).
2.
The second configuration allows a
functionality similar to previous one but with
the possibility of choosing 8 different current
levels to perform a more accurate stepping
functionality. This is achieved by multiplexing
the input pins dedicated to set the level of the
current. Additionally the user can set the
mixed mode decay for current recirculation.
3,4. The third and fourth configurations are
intended to provide a very flexible
programming for several parameters useful
to drive different kind of Stepping and DC
motors. This is achieved by means of a serial
port interface that allows the user to
configure the following parameters:
a)
Current levels (32 values for each
bridge).
b)
Current direction.
c)
Type of decay for Stepping motors
(Mix/Slow) or for DC motors (Fast/Slow).
d)
Vref input (Ext/Int).
e)
Vref divider (:5/:10).
f)
Blanking time (4 values).
g)
Oscillator freq divider (4 values).
h)
Off time (32 values).
i)
Fast decay time (16 values).
j)
Syncronous rectification.
The functionalities of the two configurations are
identical except that the internal bit address (first
bit of SPI words) can be programmed to be 1 or 0:
this enables two different L8229 to share a
common serial bus.
Order code
PwSSO24
Part number
Package
Packing
L8229
PwSSO24
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L8229

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8221 UTC-L8221 Datasheet
142Kb / 5P
SINGLE LNB?밄IAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8221G-SH2-R UTC-L8221G-SH2-R Datasheet
188Kb / 5P
Integrated regulated supply for LNB
L8221G-SH2-R UTC-L8221G-SH2-R Datasheet
142Kb / 5P
SINGLE LNB?밄IAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8221L-SH2-R UTC-L8221L-SH2-R Datasheet
142Kb / 5P
SINGLE LNB?밄IAS, CONTROL AND POWER MANAGEMENT SOLUTION
logo
Superworld Electronics
L822HW SUPERWORLD-L822HW Datasheet
365Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L8229

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6225 STMICROELECTRONICS-L6225 Datasheet
90Kb / 10P
DUAL DMOS FULL BRIDGE MOTOR DRIVER
Mar-2001
logo
Shindengen Electric Mfg...
MTD2006G SHINDENGEN-MTD2006G Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2033G SHINDENGEN-MTD2033G Datasheet
108Kb / 6P
DMOS Dual Full-bridge PWM Stepper Motor Driver
MTD2003BE SHINDENGEN-MTD2003BE Datasheet
57Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2006GE SHINDENGEN-MTD2006GE Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2017FE SHINDENGEN-MTD2017FE Datasheet
91Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2018GE SHINDENGEN-MTD2018GE Datasheet
120Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2033GE SHINDENGEN-MTD2033GE Datasheet
108Kb / 6P
DMOS Dual Full-bridge PWM Stepper Motor Driver
logo
Allegro MicroSystems
A3916 ALLEGRO-A3916 Datasheet
487Kb / 11P
Dual DMOS Full-Bridge Motor Driver
AMT49702 ALLEGRO-AMT49702 Datasheet
560Kb / 10P
Dual DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com