Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 7Page - STMicroelectronics L8229 Datasheet HTML 8Page - STMicroelectronics L8229 Datasheet HTML 9Page - STMicroelectronics L8229 Datasheet HTML 10Page - STMicroelectronics L8229 Datasheet HTML 11Page - STMicroelectronics L8229 Datasheet HTML 12Page - STMicroelectronics L8229 Datasheet HTML 13Page - STMicroelectronics L8229 Datasheet HTML 14Page - STMicroelectronics L8229 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
Electrical Characteristics
11/42
3.3
General electrical characteristics
(0°C
≤ T
j ≤ 125°C, VS = 32V, unless otherwise specified)
3.3.1
Output Drivers (OUTA or OUTB)
I_VccL6219
Vcc total supply current
(L6219_HI and L6219_8 modes)
Vcc=5.25V
7
mA
I_VccL8229_0/1
Vcc total supply current
(L8229_0 or L8229_1 mode)
Vcc=5.25V
7
mA
Vcc=5.25V,
NSLEEP (W1, bit3) = 0
3mA
Vin
Logic input voltage
0
Vcc
V
Iout
Motor Driver Output Current
(continuous)
1.2
A
Table 4.
Operating ratings (0°C
≤ T
j ≤ 125°C) (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 5.
Output Drivers (OUTA or OUTB)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RDSON
Output ON Resistance
(Tj = 70 °C)
Source Driver, ILOAD =-1.2A
1.3
Ω
Sink Driver, ILOAD =+1.2A
1.3
Ω
Icex
Output leakage current
Vout = Vs or Gnd
50
µA
VF
Body Diode Forward Voltage
Sink Diode, IF = 1.2A
1
1.5
V
Source Diode, IF = 1.2A
1
1.5
V
tr
Output rising time
Vs=12V, RL=12Ω connected to
Vs or Gnd
100
350
ns
Vs=24V, RL=38Ω connected to
Vs or Gnd
Vs=36V, RL=58Ω connected to
Vs or Gnd
tf
Output falling time
Vs=12V, RL=12Ω connected to
Vs or Gnd
75
300
ns
Vs=24V, RL=38Ω connected to
Vs or Gnd
Vs=36V, RL=58Ω connected to
Vs or Gnd
Tdead
Shoot through delay
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com