Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 11Page - STMicroelectronics L8229 Datasheet HTML 12Page - STMicroelectronics L8229 Datasheet HTML 13Page - STMicroelectronics L8229 Datasheet HTML 14Page - STMicroelectronics L8229 Datasheet HTML 15Page - STMicroelectronics L8229 Datasheet HTML 16Page - STMicroelectronics L8229 Datasheet HTML 17Page - STMicroelectronics L8229 Datasheet HTML 18Page - STMicroelectronics L8229 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
L6219_HI mode
15/42
6
L6219_HI mode
The device will be set into the L6219_HI mode by asserting PROG1 and PROG2 pins (pin 7
and 18) to 00.
In the L6219_HI mode, the device is pin and function compatible with the ST L6219 device.
Please note that while ST L6219 allows good power dissipation by simply connecting to gnd
the center pins because of the batwing frame, the L8229 power dissipation will be good only
by connecting the exposed pad to a proper heat sink.
The circuit is intended to drive both windings of a bipolar stepping motor. The peak current
control is made through switch mode regulation. There is a choice of three different current
levels with the two logic inputs I01 and I11 for winding 1 and I02 and I12 for winding 2. The
current can also be completely switched off.
6.1
Input Logic (I0 and I1)
The current level in the motor winding is selected with these inputs (see Figure 1). If any of
the logic inputs is left open, the circuit will treat it as a high level input.
6.2
Phase
This input pin determines the direction of current flow in the windings, depending on the
motor connections. The signal is fed through a Schmitt trigger for noise immunity, and
through a time delay in order to guarantee that no cross conduction occurs in the output
stage during phase-shift. High level on the PHASE input causes the motor current to flow
from OutA through the motor winding to OutB.
6.3
Current Sensing
This part contains a low pass filter for the external current sensing resistor (Rs) and three
comparators. Only one comparator is active at a time: it is activated by the input logic
according to the current level chosen with signals I0 and I1.
The motor current flows through the sensing resistor Rs and when the current has increased
so that the voltage across Rs becomes higher than the reference voltage on the other
comparator input, the comparator output goes high, triggering the pulse generator.
The max peak current Imax can be defined by:
Imax = Vref / 10 Rs
Table 11.
Input Logic (I0 and I1)
I0X
I1X
Current Level
H
H
No Current
L
H
Low Current:
1/3 Io max
H
L
Medium Current:
2/3 Io max
L
L
Maximum Current: Io max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com