Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 23Page - STMicroelectronics L8229 Datasheet HTML 24Page - STMicroelectronics L8229 Datasheet HTML 25Page - STMicroelectronics L8229 Datasheet HTML 26Page - STMicroelectronics L8229 Datasheet HTML 27Page - STMicroelectronics L8229 Datasheet HTML 28Page - STMicroelectronics L8229 Datasheet HTML 29Page - STMicroelectronics L8229 Datasheet HTML 30Page - STMicroelectronics L8229 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
L8229_0 and L8229_1 modes
27/42
8.4.1
Reading back SPI.
When W2 bit 11 to 13 are to 111, read back from SPI is enabled. This function is to check
the actual data in W0 and W1; W2 can’t be read back.
To read back the following procedure is requested:
1.
Set PROG1=1, PROG2=0
2.
Write W0 and W1 to SDI
3.
Write W2 (with bits 11, 12, 13 set to 111) to SDI. This enables read back mode from
SPI.
4.
Write 0001 1111 1111 1111 to SDI (the first three bits mean that W0 is requested to be
read out, the other bits have no sense just to fill the blank bits). This allows to check if
the SDI output is W0 bit3~15.
5.
Write W2 (with bits 11, 12, 13 set to 111) to SDI. This enables read back mode from
SPI.
6.
Write 0101 1111 1111 1111 to SDI (the first three bits mean that W1 is requested to be
read out, the other bits have no sense just to fill the blank bits). This allows to check if
the SDI output is W1 bit3~15.
If the data to be read out are the same as the data write in, it means write function of SPI is
right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com