Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 26Page - STMicroelectronics L8229 Datasheet HTML 27Page - STMicroelectronics L8229 Datasheet HTML 28Page - STMicroelectronics L8229 Datasheet HTML 29Page - STMicroelectronics L8229 Datasheet HTML 30Page - STMicroelectronics L8229 Datasheet HTML 31Page - STMicroelectronics L8229 Datasheet HTML 32Page - STMicroelectronics L8229 Datasheet HTML 33Page - STMicroelectronics L8229 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
SPI programming
L8229
30/42
9.2
Timings Control
All timings are controlled by a master oscillator that can be internal or externally provided. At
power up, OSC will default to the internal 4MHz oscillator. Setting W2 bits 9 and 10 will
select the external oscillator frequency or it's dividing by either 2 or 4.
The switching blanking time for masking transient can be selected by W2 bits 7 and 8.
1
0
0
0
1
17/31
1
0
0
1
0
18/31
1
0
0
1
1
19/31
1
0
1
0
0
20/31
1
0
1
0
1
21/31
1
0
1
1
0
22/31
1
0
1
1
1
23/31
1
1
0
0
0
24/31
1
1
0
0
1
25/31
1
1
0
1
0
26/31
1
1
0
1
1
27/31
1
1
1
0
0
28/31
1
1
1
0
1
29/31
1
1
1
1
0
30/31
1
1
1
1
1
31/31
Table 28.
Current levels selected by W0 for DAC (continued)
Bit 7 (13)
Bit 6 (12)
Bit 5 (11)
Bit 4 (10)
Bit 3 (9)
IPH_A (B)/Imax
Table 29.
Oscillator frequency selected by W2
Bit 10
Bit 9
Freq
0
0
Internal (4MHz)
01
Ext
10
Ext/2
11
Ext/4
Table 30.
Blanking time selected by W2
Bit 8
Bit 7
Time
00
2/fosc
01
4/fosc
10
8/fosc
1
1
12/fosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com