Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8229 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 17Page - STMicroelectronics L8229 Datasheet HTML 18Page - STMicroelectronics L8229 Datasheet HTML 19Page - STMicroelectronics L8229 Datasheet HTML 20Page - STMicroelectronics L8229 Datasheet HTML 21Page - STMicroelectronics L8229 Datasheet HTML 22Page - STMicroelectronics L8229 Datasheet HTML 23Page - STMicroelectronics L8229 Datasheet HTML 24Page - STMicroelectronics L8229 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
L8229_0 and L8229_1 modes
21/42
8
L8229_0 and L8229_1 modes
When in these modes, the device can be programmed via a serial interface. This allows a
very precise microstepping functionality as well as the control of several parameters related
to the motor functionality.
In this configuration there is also the possibilty of driving two DC motors by means of two
pulse width modulated (PWM) control signals.
The parameters that can be set are the following:
1.
Current levels (32 values for each bridge).
2.
Current direction.
3.
Type of decay for stepping motor (Mix/Slow).
4.
Vref input (Ext/Int)
5.
Vref divider (:5/:10).
6.
Blanking time (4 values).
7.
Oscillator freq divider (4 values).
8.
Off time (32 values).
9.
Fast decay time (16 values).
10. Synchronous rectification (Active/Passive/LowSide/Off).
11. Choose of driving a Stepping or DC motor.
12. Possibility of paralleling bridges (in DC motor drive).
13. Slow or fast decay (in DC motor drive).
14. Possibility of setting outputs in brake mode.
15. Possibility of asserting Sleep mode to reduce current consumption and put outputs in
HI-Z.
When in L8229 modes, pin 12 (FAULT) is used to provide a "Generic Fault" signal that is
intended as a warning for the user. In case of:
a)
Undervoltage detection (UVD): no action is taken on output bridges and the device
will be working, leaving to the user the action of stopping the output bridges
functionality.
During UVD event, the Generic Fault signal is pulled high.
b)
Thermal shutdown (TSD): output bridges will be in Hi-Z mode (all outputs off) until
the temperature decreases below TSD threshold minus hysteresis.
During TSD event, the Generic Fault signal is pulled high.
c)
Over current detection (OCD): output bridges will be in Hi-Z mode. Depending on
the motor (Stepping or DC according to W2 bit 14), the OCD status will be latched
as follows:
– for stepping motor driving the OCD status will be latched until SPI is reset by
means of nRESET pin.
– for DC motor driving the OCD status will be latched until next positive PWM
edge occurs.
For both above cases, the Generic Fault signal is pulled high until the OCD
status persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com