Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
2.5 Boot mode and boot device configuration
The i.MX 91 processor offers multiple boot configurations, selectable by SW1 on the FRDM-IMX91 board.
In addition, the i.MX 91 can download a program image from a USB connection when configured in serial
download mode. The four dedicated BOOT MODE pins are used to select the various boot modes.
Figure 7 shows the boot mode selection switch.
Figure 7.  Boot mode selection switch
Table 12 describes the SW1 values used in different boot modes.
SW1 [3:0]
BOOT_MODE[3:0]
Boot core
Boot device
0001
0001
Serial downloader (USB)
0010
0010
uSDHC1 8-bit eMMC 5.1
0011
0011
Cortex-A55
uSDHC2 4-bit SD3.0
Table 12. Boot mode settings
On the FRDM-IMX91 board, the default boot mode is from the eMMC device. The other boot device is the
microSD connector. Set SW1[3:0] as 0010 to choose uSDHC1 (eMMC) as boot device, set 0011 to choose
uSDHC2 (SD), and set 0001 to enter USB serial download.
Note: For more information about the boot modes and boot device configuration, see chapter "System Boot" in
the i.MX 91 Applications Processor Reference Manual.
Figure 8 shows the connection of SW1 and i.MX 91 boot mode signals.
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
15 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com