Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Pin number
M.2 mini card connector
pin
Connection details
14
I2S_SD_OUT
Connected to SAI1_TXD processor pin if R2792 is populated
16
LED2
Connected to M.2 Orange LED, D614
20
UART_WAKE
M2_UART_nWAKE input for I/O expander (PCAL6524HEAZ, P0_3, I2C address:
0x22) if R2853 is populated
22
UART_RXD
Connected to UART5_RXD if R2835 is populated
32
UART_TXD
Connected to UART5_TXD if R2833 is populated
34
UART_CTS
Connected to UART5_CTSI if R2839 is populated
36
UART_RTS
Connected to UART5_RTSO if R2837 is populated
38
VEN_DEF1
Connected to SPI3_MOSI if R2790 is populated
40
VEN_DEF2
Connected to SPI3_MISO if R2795 is populated
42
VEN_DEF3
Connected to SPI3_CLK if R2793 is populated
50
SUSCLK
Connected to PMIC_32K_OUT, generated by PCA9451AHNY PMIC
52
PERST0
M2_nRST input for I/O expander (PCAL6524HEAZ, P2_2, I2C address: 0x22)
54
W_DISABLE2
M2_nDIS2 input for I/O expander (PCAL6524HEAZ, P2_3, I2C address: 0x22)
if R2867 is populated
56
W_DISABLE1
M2_nDIS1 input for I/O expander (PCAL6524HEAZ, P2_4, I2C address: 0x22)
if R2866 is populated
58
I2C_DATA
Connected to SDAL pin of PCA9451AHNY PMIC
60
I2C_CLK
Connected to SCLL pin of PCA9451AHNY PMIC
62
ALERT
M2_nALERT input for I/O expander (PCAL6524HEAZ, P1_2, I2C address:
0x22) if R2860 is populated
3
USB_D+
Connected to USB2_D_P processor pin if R2806 is populated
5
USB_D-
Connected to USB2_D_N if R2807 is populated
9
SDIO_CLK
Connected to the SD3_CLK processor pin and processor interface SDHC3 if
R2824 is populated
11
SDIO_CMD
Connected to the SD3_CMD processor pin and processor interface SDHC3 if
R2825 is populated
13
SDIO_DATA0
Connected to the SD3_DATA0 processor pin and processor interface SDHC3 if
R2826 is populated
15
SDIO_DATA1
Connected to the SD3_DATA1 processor pin and processor interface SDHC3 if
R2827 is populated
17
SDIO_DATA2
Connected to the SD3_DATA2 processor pin and processor interface SDHC3 if
R2828 is populated
19
SDIO_DATA3
Connected to the SD3_DATA3 processor pin and processor interface SDHC3 if
R2829 is populated
21
SDIO_WAKE
Connected to the CCM_CLKO1 processor pin of NVCC_WAKEUP module if
R2851 is populated
23
SDIO_RST
SD3_nRST output from I/O expander (PCAL6524HEAZ, P1_4, I2C address:
0x22) if R3037 is populated
Table 16. M.2 mini card connector (P8) pinout...continued
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
18 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com