Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
2.4 I2C interface
The i.MX 91 processor supports a low-power inter-integrated circuit (I2C) module that supports an efficient
interface to an I2C-bus as a master. The I2C provides a method of communication between a number of
devices available on the FRDM-IMX91 board.
One 10-pin 2x5 2.54 mm connector P12 is provided on the board to support I2C, CAN, and ADC connections.
The developers can use the port for some specific application development.
Table 10 explains the I2C, CAN, and ADC header, P12, pinout.
Pin
Signal name
Description
1
VDD_3V3
3.3 V power supply
2
VDD_5V
5 V power supply
3
ADC_IN0
ADC input channel 0
4
ADC_IN1
ADC input channel 1
5
I3C_INT
I2C/I3C interrupt signal
6
GND
Ground
7
I3C_SCL
I2C/I3C SCL signal
8
CAN_H
CAN transceiver high signal
9
I3C_SDA
I2C/I3C SDA signal
10
CAN_L
CAN transceiver low signal
Table 10. 10-pin 2x5 2.54mm I2C, CAN, and ADC header (P12) pinout
Table 11 describes the I2C devices and their I2C addresses (7-bit) on the board.
Part
identifier
Device
I2C address (7-bit) Port
Speed
Voltage Description
U748
PCAL6408AHK
0x20 (0b'0100000x) MX-I2C1
1 MHz Fm+
3.3 V
I/O expander for IRQ /
OUTPUT
U701
PCA9451AHNY
0x25 (0b'0100101x) MX-I2C2
1 MHz Fm+
3.3 V
PMIC
U725
PCAL6524HEAZ
0x22
(0b'01000[10]x)
MX-I2C2
1 MHz Fm+
3.3 V
IO expander for IRQ/
OUTPUT
U10
FT24C256A
0x50 (0b'1010000x) MX-I2C2
1 MHz Fm+
3.3 V
EEPROM
U705
PTN5110NHQZ
0x52
(0b'10100[10]x)
MX-I2C3
1 MHz Fm+
3.3 V
USB Type-C Power
Delivery PHY
U712
PTN5110NHQZ
0x50
(0b'10100[00]x)
MX-I2C3
1 MHz Fm+
3.3 V
USB Type-C Power
Delivery PHY
U710
NX20P3483UK
0x71
(0b'11100[01]x)
MX-I2C3
1 MHz Fm+
3.3 V
USB load switch
U740
PCF2131
0x 53
(0b'110101[0]x)
MX-I2C3
400 kHz Fm
3.3 V
External RTC
Table 11. I2C devices
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
14 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com