Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
2.8 SD card interface
The target processor has three ultra secured digital host controller (uSDHC) modules for SD/eMMC interface
support. The uSDHC2 interface of the i.MX 91 processor connects to the MicroSD card slot (P13) on the
FRDM-IMX91 board. This connector supports one 4-bit SD3.0 MicroSD card. To select it as the boot device of
the board, see Section 2.5.
2.9 eMMC memory
The eMMC memory (at the SOM board) is connected to the uSDHC1 interface of the i.MX 91 processor, which
can support eMMC 5.1 devices. It is the default boot device of the board. Table 12 describes the boot settings.
Table 14 describes the eMMC memory device that is supported by the uSDHC1 interface.
Part identifier Part number
Configuration
FBGA
Manufacturer
Memory size
U501
FEMDRM008G-58A39
64 Gb x1
TFBGA-153
FORESEE
8 GB
Table 14. Supported eMMC device
2.10 M.2 interface
The FRDM-IMX91 board supports the M.2/NGFF Key E mini card 75-pin connector, P8. The M.2 mini card
connector supports USB, SDIO, SAI, UART, I2C, and GPIO connection. By default, these signals are connected
with the onboard tri-radio MAYA-W476-00B module, however, to use this M.2 slot, the following resistors must
be reworked.
Resistors DNP
Resistors install
R2808, R2809, R2812, R2819, R2820, R2821
R2824, R2825, R2826, R2827, R2828, R2829
R3023, R3024, R2958, R3028
R2960, R2860
R2854, R2855
R2851, R2853
R3038, R2870, R2871
R3037, R2866, R2867
R2796, R2798, R2800, R2802
R2788, R2791, R2792, R2794
R2797, R2799, R2801, R2805
R2789, R2790, R2793, R2795
R2832, R2834, R2836, R2838
R2833, R2835, R2837, R2839
Table 15. Resistors rework for M.2 slot usage
The M.2 connector can be used for Wi-Fi / Bluetooth card, IEEE 802.15.4 Radio, or 3G / 4G cards.
Table 16 describes the pinout of the M.2 mini card connector (P8).
Pin number
M.2 mini card connector
pin
Connection details
2, 4, 72, 74
3V3_1, 3V3_2, 3V3_3,
3V3_4
Connected to VPCIe_3V3 power supply
6
LED1
Connected to M.2 Green LED, D613
8
I2S_SCK
Connected to SAI1_TXC processor pin if R2788 is populated
10
I2S_WS
Connected to SAI1_TXFS processor pin if R2791 is populated
12
I2S_SD_IN
Connected to SAI1_RXD processor pin if R2794 is populated
Table 16. M.2 mini card connector (P8) pinout
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
17 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com