Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2131 Datasheet HTML 1Page - NXP Semiconductors PCF2131 Datasheet HTML 2Page - NXP Semiconductors PCF2131 Datasheet HTML 3Page - NXP Semiconductors PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
1 FRDM-IMX91 overview
The FRDM i.MX 91 development board (FRDM-IMX91 board) is a low-cost platform designed to show the most
commonly used features of the i.MX 91 Applications Processor in a small and low-cost package. The FRDM-
IMX91 board is an entry-level development board, which helps developers to get familiar with the processor
before investing a large amount of resources in more specific designs.
This document includes system setup and configurations, and provides detailed information on the overall
design and usage of the FRDM board from a hardware system perspective.
1.1 Block diagram
Figure 1 shows the FRDM-IMX91 block diagram.
Arm Cortex-A55 (1.4 GHz)
i.MX 91
PMIC
NXP PCA9451
DRAM
LPDDR4 : 1 GB < x16 b >
x16
bits
eMMC 5.1
GB HS400
x8
SDHC
SWD
SD2
I2C/SPI/UART...
MicroSD
SD3.0
SWD
DEBUG
EXPI CN
UART/I2C/SPI..
# Audio HAT/RFID/PDM...
HDR
ADC: HDR CN
HDR
RJ45
SYS PWR
PWR
DRAM
SD1
# AVB, 1588, and IEEE 802.3az
CORTEX0-A55
Remote debug support
MQS
LINE OUT
SD3/SPI3/
UART5/SAI1
USB 2.0
USB TYPE-C
USB 2.0
USB TYPE-A
USB1
USB 2.0 DRP
USB 2.0 DRP
x2 ENET
CAN
NXP TJA1051T/3
RGMII
Gigabit NET
ADC
x12 bit
ADC
PWM
BUTTON
RGB-LED
GPIO
UART to USB
UART
PDM
MQS
CANFD
SAI3
I2C
I2S
MicroSD
USB2
RTC
HDR
8
YT8521SH-CA
SW
RESET
MAYA-W476-00B
Wi-Fi/BT/802.15.4
M.2 NGFF
KEY-E
Figure 1. FRDM-IMX91 block diagram
1.2 Board features
Table 1 lists the features of FRDM-IMX91.
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
2 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com