Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Pin number
M.2 mini card connector
pin
Connection details
55
PEWAKE0
PCIE_nWAKE input for I/O expander (PCAL6524HEAZ, P0_2, I2C address:
0x22) if R2868 is populated
Table 16. M.2 mini card connector (P8) pinout...continued
For further details about i.MX 91 interfaces, see i.MX 91 Applications Processor Reference Manual.
2.11 Tri-radio module interface
The FRDM-IMX91 board features a Tri-radio (Wi-Fi 6, Bluetooth Low Energy 5.4, and 802.15.4) module based
on the NXP IW612 that interfaces with the SD2, UART5, SAI1, and SPI3 controller of the target processor.
Part identifier
Manufacturing part number
Description
U731
MAYA-W476-00B (u-blox)
Host-based Wi-Fi 6, Bluetooth Low Energy 5.4, and 802.15.4
modules for IoT applications
Table 17. Tri-radio module
The two antenna pins (RF_ANT0 and RF_ANT1) of the module connects to U.FL connectors P9 and P10 (DNP
by default). The module is supplied with VPCIe_3V3, VEXT_1V8, and VDD_1V8.
The MAYA-W476-00B module and M.2 connector share several interface lines on the FRDM-IMX91 board.
Zero-ohm resistors enable signal selection between these components.
SD3 interface
The SD3 interface lines are shared between the MAYA-W476-00B module and the M.2 connector. Zero-ohm
resistors select either the MAYA-W476-00B module (default setting) or the M.2 connector.
UART5 interface
Similarly, the UART5 interface lines are shared between the MAYA-W476-00B module and the M.2 connector.
Zero-ohm resistors select either the MAYA-W476-00B module (default setting) or the M.2 connector.
SAI1 interface
The SAI1 interface lines are shared between the MAYA-W476-00B module and the M.2 connector. Zero-ohm
resistors select either the MAYA-W476-00B module (default setting) or the M.2 connector for 1.8 V translated
signals, generated using the 74AVC4T3144 bidirectional voltage translator (U728).
SPI3 interface
The SPI3 signals (CLK, MOSI, MISO, and CS0) are multiplexed with GPIO_IO[08, 09, 10, 11] signals,
respectively. These SPI3 signals are shared between the MAYA-W476-00B module and the M.2 connector.
Zero-ohm resistors select either the MAYA-W476-00B module (default setting) or the M.2 connector for 1.8 V
translated signals, generated using the 74AVC4T3144 bidirectional voltage translator (U729).
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
19 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com