Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Part
identifier
designator
Manufacturing
part number
Part
manufacturer
Power supply
Specifications Description
U730
MP1605C
Monolithic Power
Systems Inc.
VEXT_1V8
1.8 V at 500 mA Supplies power to onboard tri-
radio u-blox MAYA-W476-00B
module
BUCK2: LPD4/
x_VDDQ_0V6
• 0.6 V at 2000
mA
Supplies power to VDDQ_DDR
power supply for CPU DRAM
PHY I/O (LPDDR4)
BUCK1/3: VDD_
SOC_0V8[1][2]
• VOL (V): 0.85
• Typ VOL (V):
Dynamic
voltage
scaling (DVS)
Note: Refer
to SoC data
sheet.
VDD_SOC, power supply for SoC
logic and Arm core
BUCK4:
• VDD_3V3
3.3 V at 3000
mA
Supplies power to:
• NVCC_GPIO, power supply for
GPIO when it is in 3.3 V mode
• VDD_USB_3P3 pin for USB
PHY power
• eMMC 5.1 device
• MicroSD
• EEPROM
• Ethernet ports (P3 and P4)
• I2C IO expander PCAL6524
HEAZ (U725, I2C address:
0x22)
Power source for:
• ENET1_DVDD3 and ENET1_
AVDD3 supplies
BUCK5:
• VDD_1V8
1.8 V at 2000
mA
Supplies to:
• LPD4/x_VDD1
• eMMC 5.1 device
• VDD_ANA_1P8, analog core
supply voltage
• NVCC_WAKEUP, digital I/O
supply
BUCK6:
• LPD4/x_
VDD2_1V1
1.1 V at 2000
mA
Supplies to:
• VDD2_DDR, DDR PHY supply
voltage
LDO1: NVCC_
BBSM_ 1V8
1.8 V at 10 mA NVCC BBSM I/O supply
LDO4: VDD_
ANA_0 P8
0.8 V at 200 mA Analog core supply voltage
LDO5:
NVCC_SD
1.8 V / 3.3 V
MicroSD card
U701
PCA9451AHNY
NXP
Semiconductors
Load switch:
VSD_3V3
3.3 V
MicroSD card
Table 8. FRDM-IMX91 power supply devices...continued
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
12 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com