Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Figure 6. FRDM-IMX91 power supply
Table 8 describes different power sources available on the board.
Part
identifier
designator
Manufacturing
part number
Part
manufacturer
Power supply
Specifications Description
U702
MP8759GD
Monolithic Power
Systems Inc.
• DCDC_5V
• VSYS_5V
• 5 V at 8 A
Supplies power to:
• PMIC PCA9451AHNY (U701)
• NX20P3483UK USB PD and
Type-C switches (U710)
• DC buck MP2147GD (U726)
for VPCIe_3V3
• Load switch SGM2526 (U733)
for VRPi_5V
• Load switch SGM2526 (U742)
for VBUS_USB2_5V
U726
MP2147GD
Monolithic Power
Systems Inc.
VPCIe_3V3
3.3 V at 3 A
• Input supply for switch-mode
converter MP1605C (U730)
• Supply for onboard tri-radio
module u-blox MAYA-W476-00
B (U731)
Table 8. FRDM-IMX91 power supply devices
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
11 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com