Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Part
identifier
designator
Manufacturing
part number
Part
manufacturer
Power supply
Specifications Description
U703
FDS4435 (Power
Trench MOSFET)
SG MICRO
CORP
VDD_5V
5 V / 2.5 A
Supplies to:
• 10-pin dual-row header (P12)
• CAN transceiver through CAN_
VDD_5V
• RGB LED
Power source for:
• VPCIe_3V3
• VRPi_5V
• VBUS_USB2_5V
U732
SGM2525 (Load
switch)
SG MICRO
CORP
VRPi_3V3
3.3 V at 2.5 A
• 2x20-pin EXPI connector (P11)
U733
SGM2525 (Load
switch)
SG MICRO
CORP
VRPi_5V
5 V at 2.5 A
• 2x20-pin EXPI connector (P11)
U737
TLV76033DBZR
(Voltage regulator)
Texas
Instruments
VCC_3V3_
DEBUG
3.3 V
Supplies to 4-bit voltage-level
translator used for USB-to-dual
UART debug interface
U742
SGM2526 (Load
switch)
SG MICRO
CORP
VBUS_USB2_5
V
5 V / 2.5 A
Supplies to USB2.0 Type-A Host
Table 8. FRDM-IMX91 power supply devices...continued
[1]
BUCK1 and BUCK3 are configured as dual phase mode.
[2]
PCA9451 BUCK1/3 dual phase default output voltage is 0.85 V.
For further details on the power sequence needed by the i.MX 91, see section "Power sequence" in the i.MX 91
Reference Manual.
2.3 Clocks
FRDM-IMX91 provides all the clocks required for the processor and peripheral interfaces. Table 9 summarizes
the specifications of each clock and the component that provides it.
Part identifier Clock generator
Clock
Specifications
Destination
Y401
Crystal oscillator
XTALI_24M
XTALO_24M
Frequency: 24 MHz
Target processor
QZ401
Crystal oscillator
XTALI_32K
XTALO_32K
Frequency: 32.768 kHz NVCC_BBSM block of target
processor
QZ701
Crystal oscillator
XIN_32K
XOUT_32K
Frequency: 32.768 kHz PCA9451AHNY PMIC
Y402
Crystal oscillator
PHY1_XTAL_I
PHY1_XTAL_O
Frequency: 25 MHz
Ethernet RMII PHY1
Y403
Crystal oscillator
PHY2_XTAL_I
PHY2_XTAL_O
Frequency: 25 MHz
Ethernet RMII PHY2
Table 9. FRDM-IMX91 clocks
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
13 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com