Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors PCF2131 Datasheet HTML 27Page - NXP Semiconductors PCF2131 Datasheet HTML 28Page - NXP Semiconductors PCF2131 Datasheet HTML 29Page - NXP Semiconductors PCF2131 Datasheet HTML 30Page - NXP Semiconductors PCF2131 Datasheet HTML 31Page - NXP Semiconductors PCF2131 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Layer
Description
Copper (mil)
Generic
Er
Dielectric thickness (mil)
-
Dielectric
-
8.8
6
ART06
1.4
-
-
-
-
Dielectric
-
4
7
GND07
1.4
-
-
-
-
Dielectric
-
8.8
8
ART08
1.4
-
-
-
-
Dielectric
-
3
9
GND09
1.4
-
-
-
-
Dielectric
-
2.61
10
BOTTOM
0.7+Plating
-
-
1.3
Finished: 1.6 mm
Designed: 71.304 mil
1.811 mm
Material: FR-4
Table 22. FRDM-IMX91 board stack up information...continued
5 European Union regulatory compliance
Table 23 is provided as per Article 10.8 of the Radio Equipment Directive 2014/53/EU.
(a) Frequency bands in which the equipment operates.
(b) The maximum RF power transmitted.
Part number
RF technology
(a) Frequency range
(b) Maximum transmitted
power
Bluetooth Low Energy 5.4
2402 MHz - 2480 MHz
13 dBm
IEEE 802.15.4
2405 MHz - 2480 MHz
13 dBm
Wi-Fi IEEE 802.11b/g/n/ax
2400 MHz - 2500 MHz
16 dBm
FRDM-IMX91
Wi-Fi IEEE 802.11a/n/ac/ax
4900 MHz - 5895 MHz
18 dBm
Table 23. EU regulatory compliance
EUROPEAN DECLARATION OF CONFORMITY (Simplified DoC per Article 10.9 of the Radio Equipment
Directive 2014/53/EU)
This apparatus, namely FRDM-IMX91 Freedom Development Platform, conforms to the Radio Equipment
Directive 2014/53/EU. The full EU Declaration of Conformity for this apparatus can be found at the NXP
website: FRDM-IMX91.
6 Acronyms
Table 24 lists and explains the acronyms and abbreviations used in this document.
Term
Description
BGA
Ball grid array
Table 24. Acronyms
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
28 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com