Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors PCF2131 Datasheet HTML 27Page - NXP Semiconductors PCF2131 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
• SWCLK (serial wire clock)
• SWDIO (serial wire data input / output)
The SWD connector P14 is shown in Figure 3.
2.16.2 USB debug interface
The i.MX 91 applications processor has six independent UART ports (UART1 – UART6). On the FRDM-IMX91
board, UART1 is used for Cortex-A55 core. A single chip USB to dual UART is used for the debug purpose. The
part number is CH342F. You can download the driver from WCH Website.
After installing the CH342F driver, the PC / USB host enumerates two COM ports connected to the P16
connector through a USB cable:
• COM Port 1: Cortex-A55 system debugging
• COM Port 2: Reserved
You can use the following terminal tools for debugging purposes:
• Putty
• Tera Term
• Xshell
• Minicom>=2.9
To debug under Linux, make sure CH342F Linux driver is installed.
Table 21 describes the required settings.
Data rate
115,200 Baud
Data bits
8
Parity
None
Stop bits
1
Table 21. Terminal setting parameters
The USB debug connector P16 is shown in Figure 3.
2.17 Board errata
No board errata.
3 Working with accessories
This section describes how a connection can be established between with the FRDM-IMX91 board and
compatible accessory boards.
3.1 5-inch Tianma LCD
TM050RDH03-41 is a 5'' TFT LCD display with 800x480 resolution. This industrial-grade display uses an RGB
interface without a touch panel. This display module connects to the FRDM-IMX91 through the EXPI 2x20-pin
connector (P11).
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
24 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com