Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Figure 8. Boot configuration schematic
2.6 PDM interface
The pulse density modulated (PDM) microphone interface of the processor provides PDM/MQS support on the
FRDM-IMX91, and it connects to a 3.5 mm audio jack (P15).
Part identifier
Manufacturing part number Description
P15
PJ_3536X
3.5 mm audio jack for onboard MQS analog input / output
Table 13. Audio jack
2.7 LPDDR4 DRAM memory
The FRDM-IMX91 board features one 512 M × 16 (1 channel ×16 I/O × 1 rank) LPDDR4 SDRAM chip
(NT6AN512M16AV-J1) for a total of 1 GB of RAM memory. The LPDDR4 DRAM memory is connected to the
i.MX 91 DRAM controller.
The ZQ calibration resistors (R209 and R2941) used by the LPDDR4 chip are 240 Ω 1% to LPD4/x_VDDQ and
the ZQ calibration resistor DRAM_ZQ used at i.MX 91 SoC side is 120 Ω 1% to GND.
In the physical layout, the LPDDR4 chip is placed at the top side of the board. The data traces are not
necessarily connected to the LPDDR4 chips in sequential order. Instead, the data traces are connected as best
determined by the layout and other critical traces for the ease of routing.
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
16 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com