Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
• SW1 – Provides control for boot mode configuration. For detail, see Section 2.5.
• SW3 – Provides control for enabling or disabling the CAN interface signals, CAN_TXD (GPIO_IO25) and
CAN_RXD (GPIO_IO27), on the board.
Switch
Signal
Description
SW3[1]
CAN_TXD (GPIO_IO25)
– ON (default setting): Enables CAN_TXD signal
– OFF: Disables CAN_TXD signal
SW3[2]
CAN_RXD (GPIO_IO27)
– ON (default setting): Enables CAN_RXD signal
– OFF: Disables CAN_RXD signal
Table 5. SW3 configuration
• SW4 – Provides control for enabling or disabling the CAN split termination RC filter.
Switch
Signal
Description
SW4[1]
– ON (default setting): Enables RC termination filter (62 Ω + 56
pF) and configures CAN bus for normal operation.
– OFF: Disables RC termination filter for test mode.
Table 6. SW4 configuration
1.8 LEDs
The FRDM-IMX91 board has light-emitting diodes (LEDs) to monitor system functions, such as power-on and
board faults. The information collected from LEDs can be used for debugging purposes.
Figure 4 shows the LEDs available on the board.
Table 7 describes the FRDM-IMX91 LEDs.
Part identifier
LED color
LED name
Description (When LED is ON)
D601
Red
PWR LED
Indicates 3.3 V power-on status. When 3.3 V is available
on board, the D601 LED turns ON.
LED1
Red / Green / Blue
RGB_LED
User application LEDs. Each of these LEDs can be
controlled through a user application.
• Red LED connects to target MPU pin GPIO_IO13
• Green LED connects to target MPU pin GPIO_IO04
• Blue LED connects to target MPU pin GPIO_IO12
D613
GREEN
LED_GREEN
D613 ON – WLAN status indicator. When ON, indicates
that the WLAN connection is established.
D614
ORANGE
LED_ORANGE
D614 ON – Bluetooth status indicator. When ON, indicates
that the Bluetooth connection is established.
Table 7. FRDM-IMX91 LEDs
2 FRDM-IMX91 functional description
This chapter describes the features and functions of the FRDM-IMX91 board.
Note: For details of the i.MX 91 MPU features, see i.MX 91 Applications Processor Reference Manual.
The chapter is divided into the following sections:
• Section "Processor"
• Section "Power supply"
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
9 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com