Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
• Section "Clocks"
• Section "I2C interface"
• Section "Boot mode and boot device configuration"
• Section "PDM interface"
• Section "LPDDR4 DRAM memory"
• Section "SD card interface"
• Section "eMMC memory"
• Section "M.2 interface"
• Section "CAN interface"
• Section "USB interface"
• Section "Ethernet"
• Section "EXPI connector"
• Section "Debug interface"
• Section "Board errata"
2.1 Processor
The i.MX 91 applications processor includes single Arm Cortex-A55 processors with speeds up to 1.4 GHz.
Robust control networks are possible via the CAN-FD interface. Also, dual 1 Gbit/s Ethernet controllers, one
supporting time sensitive networking (TSN), drive gateway applications with low latency.
The i.MX 91 is useful for applications such as:
• Smart home
• Building control
• Contactless HMI
• Commercial
• Healthcare
• Industrial
Each processor provides a 16-bit LPDDR4 memory interface and other interfaces for connecting peripherals,
such as WLAN, Bluetooth, USB2.0, uSDHC, Ethernet, CAN, and multisensors.
For more detailed information about the processor, see the i.MX 91 data sheet and i.MX 91 Applications
Processor Reference Manual at https://www.nxp.com/imx91.
2.2 Power supply
The primary power supply to the FRDM-IMX91 board is VBUS_IN (12 V - 20 V) through USB Type-C PD
connector (P1).
Three DC buck switching regulators are used:
• MP8759GD (U702) switches VBUS_IN supply to SYS_5V (5 V) power supply, which is input power supply for
PCA9451AHNY PMIC (U701) and other devices on board.
• MP2147GD (U726) switches VDD_5V supply to VPCIe_3V3 (3.3 V / 4 A) for M.2 / NGFF module (P8).
• MP1605C (U730) switches VPCIe_3V3 supply to VEXT_1V8 (3.3 V / 500 mA) for onboard tri-radio module
MAYA-W476-00B (U731).
Figure 6 shows the FRDM-IMX91 power supply block diagram.
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
10 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com