Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Part identifier
Connector type
Description
Reference section
P15
3.5 mm headphone jack
MQS connector
Section 2.6
P17
USB 2.0 Type A
USB connector
Section 2.13
P18
JST_SH_2P
RTC battery connector
For detail, see the board schematic
Table 3. FRDM-IMX91 connectors...continued
1.6 Push buttons
Figure 4 shows the push buttons available on the board.
Table 4 describes the push buttons available on FRDM-IMX91.
Part identifier
Switch name
Description
K1
Power button
The i.MX 91 applications processor supports the use of
a button input signal to request main SoC power state
changes (that is, ON or OFF) from the PMIC.
The ON/OFF button is connected to the ONOFF pin of the
i.MX 91 processor.
• In the ON state:
– If the ON/OFF button is held longer than the debounce
time, the power off interrupt is generated.
– If the button is held longer than the defined max timeout
(approx. 5 s), the state will transit from ON to OFF, and
send PMIC_ON_ REQ signal to turn off the powers of
PMIC.
• In the OFF state:
– If the ON/OFF button is held longer than the OFF-to-
ON time, the state will transit from OFF to ON, and send
PMIC_ON_REQ signal to turn on the powers of PMIC.
K2
User button
The User button is kept for customized use cases.
K3
Reset / User button
By default, K3 is connected with SYS_nRST and used as a
reset function. To use K3 as a customized function, remove
the R3061 resistor and install the R2612 resistor.
Table 4. FRDM-IMX91 push buttons
1.7 DIP switch
The following DIP switches are used on the FRDM-IMX91 board.
• 4-bit DIP switch – SW1
• 2-bit DIP switch – SW3
• 1-bit DIP switch – SW4
If a DIP switch pin is:
• OFF – pin value is 0
• ON – pin value is 1
The following list describes the description and configuration of the DIP switches available on the board.
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
8 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com