Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors PCF2131 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Each Ethernet port has a unique MAC address, which is fused into i.MX 91. The Ethernet connectors are
labeled clearly on the board.
2.15 EXPI connector
One 2x20-pin EXPI connector (P11) is provided on the FRDM-IMX91 board to support I2S, UART, I2C, and
GPIO connections. The header can be used to access various pins or to plug in accessory cards, such as the
LCD display TM050RDH03-41, 8MIC-RPI-MX8 card, and MX93AUD-HAT.
The connector is shown in Figure 3.
Pin number
Net name
Pin number
Net name
1
VRPi_3V3
2
VRPi_5V
3
GPIO_IO02
4
VRPi_5V
5
GPIO_IO03
6
GND
7
GPIO_IO04
8
GPIO_IO14
9
GND
10
GPIO_IO15
11
GPIO_IO17
12
GPIO_IO18
13
GPIO_IO27
14
GND
15
GPIO_IO22
16
GPIO_IO23
17
VRPi_3V3
18
GPIO_IO24
19
GPIO_IO10
20
GND
21
GPIO_IO09
22
GPIO_IO25
23
GPIO_IO11
24
GPIO_IO08
25
GND
26
GPIO_IO07
27
GPIO_IO00
28
GPIO_IO01
29
GPIO_IO05
30
GND
31
GPIO_IO06
32
GPIO_IO12
33
GPIO_IO13
34
GND
35
GPIO_IO19
36
GPIO_IO16
37
GPIO_IO26
38
GPIO_IO20
39
GND
40
GPIO_IO21
Table 20. P11 pin definition
2.16 Debug interface
The FRDM-IMX91 board features two independent debug interfaces.
• Serial wire debug (SWD) header (Section 2.16.1)
• USB-to-dual UART debug port (Section 2.16.2)
2.16.1 SWD interface
The i.MX 91 applications processor has two serial wire debug (SWD) signals on dedicated pins, and those
signals are directly connected to the standard 3-pin 2.54 mm connector P14. The two SWD signals used by the
processor are:
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
23 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com