Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2131 Datasheet HTML 1Page - NXP Semiconductors PCF2131 Datasheet HTML 2Page - NXP Semiconductors PCF2131 Datasheet HTML 3Page - NXP Semiconductors PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Board feature
Target processor feature
used
Description
Applications processor
The i.MX 91 applications processor features a single Arm Cortex-
A55 core speeding up to 1.4 GHz.
Note: For more detail on the i.MX 91 processor, see the i.MX 91
Applications Processor Reference Manual.
USB interface
USB2.0 high-speed host
and device controller
• x1 USB 2.0 Type C connector
• x1 USB 2.0 Type A connector
DRAM memory
DRAM controller and PHY 1 GB LPDDR4 (Nanya NT6AN512M16AV-J1)
Mass storage
uSDHC
• 8 GB eMMC5.1 (FEMDRM008G-58A39)
• MicroSD card connector (SD3.0 supported)
Boot configuration
• Default boot mode is single boot from the eMMC device
• Board also supports SD card boot
Display interface
Parallel display
Parallel display support
Ethernet interface
Two ENET controllers
• 10/100/1000 Mbit/s RGMII Ethernet with one RJ45 connector (P3)
supporting TSN and connected with external PHY, YT8521
• 10/100/1000 Mbit/s RGMII Ethernet with one RJ45 connector (P4)
connected with external PHY, YT8521
I/O expanders
CAN, I2C/I3C, analog-to-
digital converter (ADC)
One 10-pin 2x5 2.54 mm connector P12 provides:
• One high-speed CAN transceiver TJA1051GT/3 connection
• 3-pin header for I2C/I3C expansion
• Two-channel ADC support
Tri-radio module
SDIO, UART, SPI, SAI
U-blox MAYA-W476-00B module supporting Wi-Fi 6, Bluetooth Low
Energy 5.4, and 802.15.4
M.2 interface
USB, SDIO, SAI, UART,
I2C, and GPIO
One M.2/NGFF Key E mini card 75-pin connector, P8, supporting
USB, SDIO, SAI, UART, I2C, and Vendor-defined SPI interfaces
Note: By default, these signals are connected with the onboard
tri-radio module, however, to use this M.2 slot, you must rework
resistors (see Table 15 ).
Audio
MQS
MQS support
Debug interface
• USB2.0 Type-C connector (P16) with USB-to-UART device,
CH342F. CH342F provides two COM ports:
– First COM port is used for Cortex A55 system debug
– Second COM port is reserved
• Serial wire debug (SWD), P14
EXPI
One 2x20-pin EXPI for I2S, UART, I2C, and GPIO expansion
Power
• One USB 2.0 Type-C connector for power delivery only
• PCA9451AHNYPMIC
• Discrete DCDC/LDO
PCB
FRDM-IMX91: 105 mm × 65 mm, 10-layer
Orderable part number
FRDM-IMX91
Table 1. FRDM-IMX91 features
1.3 Board kit contents
Table 2 lists the items included in the FRDM-IMX91 board kit.
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
3 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com