Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF2131
Description  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
The CAN interface circuit includes the split termination RC filter (62Ω + 56pF) for noise rejection and signal
integrity. The switch SW4 is provided for enabling/disabling the RC filter. For SW4 detail, see Section 1.7.
The HS-CAN transceiver and header are described in Table 18.
Part identifier
Manufacturing part
number
Description
U741
TJA1051T/3
High-speed CAN transceiver. Provides an interface between a CAN
protocol controller and the physical two-wire CAN bus.
P12
Not applicable
10-pin 2x5 2.54 mm connector (P12). It is connected to the CAN bus and
allows external connection with the bus.
Note: Table 10 explains pinout for the 10-pin 2x5 2.54 mm connector
P12.
Table 18. High-speed CAN transceiver and header
Note: For details about TJA1051, see TJA1051 data sheet at nxp.com.
2.13 USB interface
The i.MX 91 applications processor features two USB 2.0 controllers, with two integrated USB PHYs. On the
FRDM-IMX91 board, one is used for the USB2.0 Type-C Port (P2) and the other is used for USB2.0 Type-A
Port (P17).
Table 19 describes the USB ports available on the board.
Part identifier USB port type
Description
P2
USB2.0 Type-C
Connects to full-speed USB host and device controller (USB 1) of target
processor.
It can operate as a device or host. The USBC_VBUS signal controls the
VBUS drive for the USB port.
P17
USB2.0 Type-A
Connects to full-speed USB host and device controller (USB 2) of target
processor. It can operate as a device or host. The USB2_VBUS signal
controls the VBUS drive for the USB port.
The USB2_DP and USB2_DN signals from the USB2 controller of the target
processor connect to USB2 Type A port (P17) by default. These signals can
be connected to M.2 card connecter (P6) by solder/DNP R2803, R2804,
R2806, R2807.
P1
USB Type-C PD
It is used for power only. It does not support USB data transfer. It is the only
power supply port therefore it must always be supplied for system power.
P16
USB Type-C
It is used for system debug purpose. For detail, see the system debug
section.
Table 19. USB ports
2.14 Ethernet
The i.MX 91 processor supports two Gigabit Ethernet controllers (capable of simultaneous operation) with
support for Energy-Efficient Ethernet (EEE), Ethernet AVB, and IEEE 1588.
The Ethernet subsystem of the board is provided by the Motorcomm YT8521SH-CA Ethernet transceivers
(U713, U716) which support RGMII and connect to RJ45 connectors (P3, P4). The Ethernet transceivers
(or PHYs) receive standard RGMII Ethernet signals from i.MX 91. The RJ45 connectors integrate Magnetic
transformer inside, so they can be directly connected to Ethernet transceivers (or PHYs).
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
22 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com