Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 78 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 74Page - STMicroelectronics PSD413A2 Datasheet HTML 75Page - STMicroelectronics PSD413A2 Datasheet HTML 76Page - STMicroelectronics PSD413A2 Datasheet HTML 77Page - STMicroelectronics PSD413A2 Datasheet HTML 78Page - STMicroelectronics PSD413A2 Datasheet HTML 79Page - STMicroelectronics PSD413A2 Datasheet HTML 80Page - STMicroelectronics PSD413A2 Datasheet HTML 81Page - STMicroelectronics PSD413A2 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 123 page
background image
PSD4XX Family
75
PSD4XX Family
System
Configuration
(cont.)
Register Name
Register Function
Data In
This Register is used to read the inputs on the port pins.
Control
A
“0” sets the corresponding port pin in Address Out Mode.
A
“1” sets the pin in MCU I/O Mode.
Data Out
Holds the output data in the MCU I/O Mode.
This register is used to control the data flow in the I/O ports.
Direction
A
“0” sets the corresponding pin as an input pin.
A
“1” sets the pin as an output pin.
Open Drain
A
“0” sets the corresponding pin driver as a CMOS driver.
A
“1” sets the pin driver as an Open Drain Driver.
PLD – I/O
A read only status register; a
“1” indicates the corresponding pin
is configured as a PLD pin.
Macrocell Out
This register holds the outputs of the GPLD macrocells.
Page Register
A 4-bit register that supports paging.
1. Configures the PSD4XX SRAM to be accessed by
“PSEN” as
VM
program space (8031 design).
2. Enables the Peripheral I/O Mode of Port A.
PMMR0
Power management registers; enables the PSD4XX Power Down
PMMR1
Mode and other power saving configurations.
Table 23. Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com