Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 89 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 85Page - STMicroelectronics PSD413A2 Datasheet HTML 86Page - STMicroelectronics PSD413A2 Datasheet HTML 87Page - STMicroelectronics PSD413A2 Datasheet HTML 88Page - STMicroelectronics PSD413A2 Datasheet HTML 89Page - STMicroelectronics PSD413A2 Datasheet HTML 90Page - STMicroelectronics PSD413A2 Datasheet HTML 91Page - STMicroelectronics PSD413A2 Datasheet HTML 92Page - STMicroelectronics PSD413A2 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 123 page
background image
PSD4XX Family
86
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min Max Min Max
OFF
*
Unit
tAVQV (PA)
Address Valid to
Data Valid
(Note 3)
45
55
62
Add 10
ns
tSLQV (PA)
CS Valid to Data
Valid
55
55
62
Add 10
ns
RD to Data Valid
(Notes 1 and 4)
22
26
45
0
ns
tRLQV (PA)
RD to Data Valid
8031 Mode
32
38
45
0
ns
tDVQV (PA)
Data In to Data Out
Valid
22
22
26
0
ns
tQXRH (PA)
RD Data Hold Time
(Note 1)
0
0
0
0
ns
tRLRH (PA)
RD Pulse Width
(Note 1)
25
30
38
0
ns
tRHQZ (PA)
RD to Data High-Z
(Note 1)
20
25
33
0
ns
Port A Peripheral Data Mode Read Timing (5 V ± 10%)
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min Max Min
Max
OFF
Unit
tWLQV (PA)
WR to Data
Propagation Delay
(Note 2)
25
27
35
0
ns
tDVQV (PA)
Data to Port A Data
Propagation Delay
(Note 5)
22
22
26
0
ns
tWHQZ (PA)
WR Invalid to
Port A Tri-state
(Note 2)
20
25
33
ns
Port A Peripheral Data Mode Write Timing (5 V ± 10%)
NOTES: 1. RD timing has the same timing as PSEN, DS, LDS, UDS signals.
2. WR timing has the same timing as E, DS, LDS, UDS, WRL, WRH signals.
3. Any input used to select Port A Data Peripheral Mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
**If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 10 ns to the timing parameters.
**The -90 speed is available only on Industrial Temperature Range product.
Microcontroller Interface – AC/DC Parameters (5 V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com