Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 97 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 93Page - STMicroelectronics PSD413A2 Datasheet HTML 94Page - STMicroelectronics PSD413A2 Datasheet HTML 95Page - STMicroelectronics PSD413A2 Datasheet HTML 96Page - STMicroelectronics PSD413A2 Datasheet HTML 97Page - STMicroelectronics PSD413A2 Datasheet HTML 98Page - STMicroelectronics PSD413A2 Datasheet HTML 99Page - STMicroelectronics PSD413A2 Datasheet HTML 100Page - STMicroelectronics PSD413A2 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
PSD4XX Family
94
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
OFF
Unit
tLVDV
ALE Access Time from
Power Down
170
250
Add 20
ns
tLVDV1
ALE or CSI Access Time
from Sleep
200
250
0
ns
tLVDV2
ZPLD Propagation Delay
in Sleep Mode
600
900
0
ns
tLVDV3
ZPLD Recovery Time after
Sleep Mode
250
400
0
ns
tCHCL
APD Clock High Time
Using PE7
16
27
0
ns
tCLCH
APD Clock Low Time
Using PE7
16
27
0
ns
fMAX
APD Maximum Frequency
Using PE7
20.00
18.52
0
MHz
t1
RESET Active Low Time
300
400
0
ns
t2
RESET High to
Operational Device
300
400
0
ns
Power Down and Reset Timing (3.0 V ± 10%)
Microcontroller Interface – AC/DC Parameters
(3.0 V ± 10%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com