Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 81 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 77Page - STMicroelectronics PSD413A2 Datasheet HTML 78Page - STMicroelectronics PSD413A2 Datasheet HTML 79Page - STMicroelectronics PSD413A2 Datasheet HTML 80Page - STMicroelectronics PSD413A2 Datasheet HTML 81Page - STMicroelectronics PSD413A2 Datasheet HTML 82Page - STMicroelectronics PSD413A2 Datasheet HTML 83Page - STMicroelectronics PSD413A2 Datasheet HTML 84Page - STMicroelectronics PSD413A2 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 123 page
background image
PSD4XX Family
78
PSD4XX Family
Specifications
(cont.)
13.4 AC/DC Parameters
The following tables describe the AD/DC parameters of the PSD4XX family:
t DC Electrical Specification
t AC Timing Specification
ZPLD Timing
– Combinatorial Delays
– Synchronous Clock Mode
– Asynchronous Clock Mode
Microcontroller Timing
– Read Timing
– Write Timing
– Peripheral Mode Timing
– Power Down and Reset Timing
Following are some issues concerning the parameters presented:
t In the DC specification the Supply Current is given for different modes of operation.
Before calculating the total power consumption, determine the percentage of time that
the PSD4XX is in each mode. Also the supply power is considerably different if the
ZPLD_TURBO bit is "OFF" and EPROM_CMISER is "ON".
t The AC power component gives the ZPLD, EPROM, and SRAM mA/MHz specification.
Figure 38 shows the ZPLD mA/MHz as a function of the number of Product Terms (PT)
used.
t In the ZPLD timing parameters add the required delay when ZPLD_TURBO is "OFF".
t In the MCU timing specification add the required time delay when EPROM_CMISER
is "ON".
Figure 38a. Typical ICC/Frequency Consumption (PSD4XXA1 and ZPSD4XXA1
Versions)
0
10
20
60
50
80
70
90
100
40
30
010
15
5
20
25
PT100%
PT25%
COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
10
TURBO
ON
TURBO
ON
TURBO
OFF
TURBO
OFF
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com