Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 41Page - STMicroelectronics PSD413A2 Datasheet HTML 42Page - STMicroelectronics PSD413A2 Datasheet HTML 43Page - STMicroelectronics PSD413A2 Datasheet HTML 44Page - STMicroelectronics PSD413A2 Datasheet HTML 45Page - STMicroelectronics PSD413A2 Datasheet HTML 46Page - STMicroelectronics PSD413A2 Datasheet HTML 47Page - STMicroelectronics PSD413A2 Datasheet HTML 48Page - STMicroelectronics PSD413A2 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 123 page
background image
PSD4XX Family
42
PSD4XX Family
Table 7. 8-Bit Data Bus
Table 8. 16-Bit Data Bus With BHE
WRH
WRL
D15 – D8
D7 – D0
0
0
Odd byte
Even byte
0
1
Odd byte
–
1
0
–
Even byte
Table 9. 16-Bit Data Bus With WRH and WRL
SIZ0
A0
D15 – D8
D7 – D0
0
0
Even byte
Odd byte
1
0
Even byte
–
1
1
–
Odd byte
Table 10. 16-Bit Data Bus With SIZ0, A0
LDS
UDS
D15 – D8
D7 – D0
0
0
Even byte
Odd byte
1
0
Even byte
–
0
1
–
Odd byte
Table 11. 16-Bit Data Bus With UDS, LDS
9.2.4 Data Byte Enable
Microcontrollers have different data byte orientations with regard to the data bus. The
following tables show how the PSD4XX handles the byte enable under different bus
configurations. Even byte refers to locations with address A0 equal to “0”, and odd byte as
locations with A0 equal to “1”.
BHE
A0
D15 – D8
D7 – D0
0
0
Odd byte
Even byte
0
1
Odd byte
–
1
0
–
Even byte
BHE
A0
D7 – D0
X
0
Even Byte
X
1
Odd Byte
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com