Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 92Page - STMicroelectronics PSD413A2 Datasheet HTML 93Page - STMicroelectronics PSD413A2 Datasheet HTML 94Page - STMicroelectronics PSD413A2 Datasheet HTML 95Page - STMicroelectronics PSD413A2 Datasheet HTML 96Page - STMicroelectronics PSD413A2 Datasheet HTML 97Page - STMicroelectronics PSD413A2 Datasheet HTML 98Page - STMicroelectronics PSD413A2 Datasheet HTML 99Page - STMicroelectronics PSD413A2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 123 page
background image
PSD4XX Family
93
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max Min Max
OFF
Unit
tAVQV (PA)
Address Valid to Data Valid
(Note 3)
95
120
Add 20
ns
tSLQV (PA)
CS Valid to Data Valid
100
120
Add 20
ns
tRLQV (PA)
RD to Data Valid
(Notes 1 and 4)
50
90
0
ns
tDVQV (PA)
Data In to Data Out Valid
35
50
0
ns
tQXRH (PA)
RD Data Hold Time
(Note 1)
0
0
0
ns
tRLRH (PA)
RD Pulse Width
(Note 1)
40
70
0
ns
tRHQZ (PA)
RD to Data High-Z
(Note 1)
35
60
0
ns
-20
-25
ZPLD_TURBO
Symbol
Parameter
Conditions
Min Max Min Max
OFF
Unit
tWLQV (PA)
WR to Data Propagation Delay
(Note 2)
60
60
0
ns
tDVQV (PA)
Data to Port A Data
Propagation Delay
(Note 5)
40
50
0
ns
tWHQZ (PA)
WR Invalid to Port A Tri-state
(Note 2)
35
60
0
ns
Port A Peripheral Data Mode Read Timing (3.0 V ± 10%)
Port A Peripheral Data Mode Write Timing (3.0 V ± 10%)
Microcontroller Interface – AC/DC Parameters (ZPSD4XXV Versions)
(3.0 V ± 10%)
NOTES: 1. RD timing has the same timing as PSEN, DS, LDS, UDS signals.
2. WR timing has the same timing as E, DS, LDS, UDS, WRL, WRH signals.
3. Any input used to select Port A Data Peripheral Mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com