Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 86 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 82Page - STMicroelectronics PSD413A2 Datasheet HTML 83Page - STMicroelectronics PSD413A2 Datasheet HTML 84Page - STMicroelectronics PSD413A2 Datasheet HTML 85Page - STMicroelectronics PSD413A2 Datasheet HTML 86Page - STMicroelectronics PSD413A2 Datasheet HTML 87Page - STMicroelectronics PSD413A2 Datasheet HTML 88Page - STMicroelectronics PSD413A2 Datasheet HTML 89Page - STMicroelectronics PSD413A2 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 123 page
background image
PSD4XX Family
83
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
OFF
*
Unit
Maximum Frequency
External Feedback
1/(tSA + tCOA)
26.32
25.00
20.41
MHz
Maximum Frequency
fMAXA
Internal Feedback
1/(tSA+tCOA–10)
35.71
33.33
25.64
MHz
(fCNTA)
(Note 1)
Maximum Frequency
Pipelined Data
1/(tCH + tCL)
41.67
41.67
33.33
MHz
t SA
Input Setup Time
Any Input
8
8
12
Add 10
ns
t HA
Input Hold Time
Any Input
8
8
12
0
ns
t CHA
Clock High Time
Any Input
12
12
15
0
ns
t CLA
Clock Low Time
Any Input
12
12
15
0
ns
t COA
Clock to Output
Any Input
30
32
37
Add 10
ns
Delay
to Port B
tARD
Array Delay for
Product Term
Any Macrocell
16
18
22
0
ns
Expansion
tMINA
Minimum Clock
Period
1/fCNT
28
30
43
0
ns
Asynchronous Clock Mode (5 V ± 10% , Note 1)
AC/DC Parameters – ZPLD Timing Parameters (5 V ± 10% Versions)
NOTE: 1. Only Port B has asynchronous outputs. Clock into Macrocell Flip Flop is generated by a product term.
**If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 10 ns to the timing parameters.
**The -90 speed is available only on Industrial Temperature Range product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com