Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 90 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 86Page - STMicroelectronics PSD413A2 Datasheet HTML 87Page - STMicroelectronics PSD413A2 Datasheet HTML 88Page - STMicroelectronics PSD413A2 Datasheet HTML 89Page - STMicroelectronics PSD413A2 Datasheet HTML 90Page - STMicroelectronics PSD413A2 Datasheet HTML 91Page - STMicroelectronics PSD413A2 Datasheet HTML 92Page - STMicroelectronics PSD413A2 Datasheet HTML 93Page - STMicroelectronics PSD413A2 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 123 page
background image
PSD4XX Family
87
Microcontroller Interface – AC/DC Parameters (5 V ± 10% Versions)
-70
-90*
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min Max
Min Max
Min Max
OFF
Unit
tLVDV
ALE Access Time from
Power Down
100
120
150
Add 10
ns
tLVDV1
ALE or CSI Access Time
from Sleep
120
150
200
0
ns
tLVDV2
ZPLD Propagation Delay
in Sleep Mode
600
600
600
0
ns
tLVDV3
ZPLD Recovery Time
after Sleep Mode
250
250
250
0
ns
tCHCL
APD Clock High Time
Using PE7
10
12
15
0
ns
tCLCH
APD Clock Low Time
Using PE7
10
12
15
0
ns
fMAX
APD Maximum Frequency
Using PE7
35.00
30.00
22.00
0
MHz
t1
RESET Active Low Time
150
200
300
0
ns
t2
RESET High to
Operational Device
150
200
300
0
ns
Power Down and Reset Timing (5 V ± 10%)
*The -90 speed is available only on Industrial Temperature Range product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com