Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A2 Datasheet(PDF) 51 Page - STMicroelectronics

Part # PSD413A2
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A2 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PSD413A2 Datasheet HTML 47Page - STMicroelectronics PSD413A2 Datasheet HTML 48Page - STMicroelectronics PSD413A2 Datasheet HTML 49Page - STMicroelectronics PSD413A2 Datasheet HTML 50Page - STMicroelectronics PSD413A2 Datasheet HTML 51Page - STMicroelectronics PSD413A2 Datasheet HTML 52Page - STMicroelectronics PSD413A2 Datasheet HTML 53Page - STMicroelectronics PSD413A2 Datasheet HTML 54Page - STMicroelectronics PSD413A2 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 123 page
background image
PSD4XX Family
48
PSD4XX Family
9.3 I/O Ports
There are 5 programmable 8-bit I/O ports: Port A, Port B, Port C, Port D and Port E. These
ports all have multiple operating modes, depending on the configuration. Some of the basic
functions are providing input/output for the ZPLD, or can be used for standard I/O. Each
port pin is individually configurable, thus enabling a single 8-bit port to perform multiple
functions. The I/O ports occupy 256 bytes of memory space as defined by “CSIOP”. Refer
to the System Configuration section for I/O register address offset.
To set up the port configuration the user is required to:
1. Define I/O Port Chip Select (CSIOP) in the ABEL file.
2. Initialize certain port configuration registers in the user’s program and/or
3. Specify the configuration in the PSD4XX PSDsoft Software.
4. Unused input pins should be tied to VCC or GND.
The following is a description of the operating modes of the I/O ports. The functions of the
port registers are described in later sections.
9.3.1 Standard MCU I/O
The Standard MCU I/O Mode provides additional I/O capability to the microcontroller. In this
mode, the ports can perform standard I/O functions such as sensing or controlling various
external I/O devices. Operation options of this mode are as follows:
t Configuration
1. Declare pins or signals which are used as I/O in the ABEL file.
2. Set the bit or bits in the Control Register to "1".
3.
As Output Port
– Write output data to Data Out Register
– Set Direction Register to output mode
4.
As Input Port
– Set Direction Register to input mode
– Read input from Data In Register
The port remains an output or input port as long as the Direction Register is not changed.
9.3.2 PLD I/O
The PLD I/O mode enables the port to be configured as an input to the ZPLD, or as an
output from the GPLD macrocell. The output can be tri-stated with a control signal defined
by a product term from the ZPLD. This mode is configured by the user in the PSD4XX
PSDsoft Software, and is enabled upon power up. For a detailed description, see the
section on the ZPLD.
t Configuration
1. Declare pins or signals in the ABEL file (PSDsoft).
2. Write logic equations in the ABEL file.
3. PSD Compiler maps the PLD functions to the PSD.
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com