Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 2Page - STMicroelectronics LED7707 Datasheet HTML 3Page - STMicroelectronics LED7707 Datasheet HTML 4Page - STMicroelectronics LED7707 Datasheet HTML 5Page - STMicroelectronics LED7707 Datasheet HTML 6Page - STMicroelectronics LED7707 Datasheet HTML 7Page - STMicroelectronics LED7707 Datasheet HTML 8Page - STMicroelectronics LED7707 Datasheet HTML 9Page - STMicroelectronics LED7707 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Pin settings
LED7707
6/48
2.2
Pin description
Table 2.
Pin functions
N°
Pin
Function
1COMP
Error amplifier output. A simple RC series between this pin and ground is
needed to compensate the loop of the boost regulator.
2RILIM
Output generators current limit setting. The output current of the rows can be
programmed connecting a resistor to SGND.
3
BILIM
Boost converter current limit setting. The internal MOSFET current limit can
be programmed connecting a resistor to SGND.
4FSW
Switching frequency selection and external sync input. A resistor to SGND is
used to set the desired switching frequency. The pin can also be used as
external synchronization input. See
Section 5.1.5 on page 16 for details.
5MODE
Current generators fault management selector. It allows to detect and manage
LEDs failures. See
Section 5.3.2 on page 23 for details.
6
AVCC
+ 5 V analog supply. Connect to LDO5 through a simple RC filter.
7LDO5
+ 5V LDO output and power section supply. Bypass to SGND with a
1 µF ceramic capacitor.
8
VIN
Input voltage. Connect to the main supply rail.
9SLOPE
Slope compensation setting. A resistor between the output of the boost
converter and this pin is needed to avoid sub-harmonic instability.
Refer to
Section 6.1 on page 26 for details.
10
SGND
Signal ground. Supply return for the analog circuitry and the current
generators.
11
ROW1
Row driver output #1.
12
ROW2
Row driver output #2.
13
ROW3
Row driver output #3.
14
ROW4
Row driver output #4.
15
ROW5
Row driver output #5.
16
ROW6
Row driver output #6.
17
PGND
Power ground. Source of the internal Power MOSFET.
18
OVSEL
Over-voltage selection. Used to set the desired 0 V threshold by an external
divider. See
Section 5.1.4 on page 15 for details.
19
LX
Switching node. Drain of the internal Power MOSFET.
20
DIM
Dimming input. Used to externally set the brightness by using a PWM signal.
21
EN
Enable input. When low, the device is turned off. If tied high or left open, the
device is turned on and a soft-start sequence takes place.
22
FAULT
Fault signal output. Open drain output. The pin goes low when a fault condition
is detected (see
Section 5.3.1 on page 23 for details).
23
SYNC
Synchronization output. Used as external synchronization output.
24
SS
Soft-start. Connect a capacitor to SGND to set the desired soft-start duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com