Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 9Page - STMicroelectronics LED7707 Datasheet HTML 10Page - STMicroelectronics LED7707 Datasheet HTML 11Page - STMicroelectronics LED7707 Datasheet HTML 12Page - STMicroelectronics LED7707 Datasheet HTML 13Page - STMicroelectronics LED7707 Datasheet HTML 14Page - STMicroelectronics LED7707 Datasheet HTML 15Page - STMicroelectronics LED7707 Datasheet HTML 16Page - STMicroelectronics LED7707 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
LED7707
Operation description
13/48
A dedicated circuit automatically selects the lowest voltage drop among all the rows and
provides this voltage the main loop that, in turn, regulates the output voltage. In fact, once
the reference generator has been detected, the error amplifier compares its voltage drop to
the internal reference voltage and varies the COMP output. The voltage at the COMP pin
determines the inductor peak current at each switching cycle. The output voltage of the
boost regulator is thus determined by the total forward voltage of the LEDs strings (see
Figure 6):
Equation 1
where the first term represents the highest total forward voltage drop over N active rows and
the second is the voltage drop across the leading generator (700 mV typ.).
The device continues to monitor the voltage drop across all the rows and automatically
switches to the current generator having the lowest voltage drop.
Figure 6.
Calculation of the output voltage of the boost regulator
5.1.2
Enable function
The LED7707 is enabled by the EN pin. This pin is active high and, when forced to SGND,
the device is turned off. This pin is connected to a permanently active 2.5 µA current source;
when sudden device turn-on at power-up is required, this pin must be left floating or
connected to a delay capacitor. Starting from an ON state, when the LED7707 is turned off,
it quickly discharges the Soft-Start capacitor and turns off the power-MOSFET, the current
generators and the LDO. The power consumption is thus reduced to 20 µA only.
mV
700
)
V
(
max
V
j
,
F
m
1
j
N
1
i
BST
LEDS
ROWS
+
=
Σ
=
=
700 mV
ILED
Row with the highest voltage
drop across LEDs
VBOOST
VIN
max
Σ V
F
Leading
generator
Boost
controller
Current
generators
section
AM00583v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com