Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 13Page - STMicroelectronics LED7707 Datasheet HTML 14Page - STMicroelectronics LED7707 Datasheet HTML 15Page - STMicroelectronics LED7707 Datasheet HTML 16Page - STMicroelectronics LED7707 Datasheet HTML 17Page - STMicroelectronics LED7707 Datasheet HTML 18Page - STMicroelectronics LED7707 Datasheet HTML 19Page - STMicroelectronics LED7707 Datasheet HTML 20Page - STMicroelectronics LED7707 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
LED7707
Operation description
17/48
Figure 11.
External sync waveforms
5.1.6
Slope compensation
The constant frequency, peak current-mode topology has the advantage of very easy loop
compensation with output ceramic caps (reduced cost and size of the application) and fast
transient response. In addition, the intrinsic peak-current measurement simplifies the
current limit protection, avoiding undesired saturation of the inductor.
On the other side, this topology has a drawback: there is an inherent open loop instability
when operating with a duty-ratio greater than 0.5. This phenomenon is known as “Sub-
Harmonic Instability” and can be avoided by adding an external ramp to the one coming
from the sensed current. This compensating technique, based on the additional ramp, is
called “slope compensation”. In Figure 12, where the switching duty-cycle is higher than 0.5,
the small perturbation
ΔI
L dies away in subsequent cycles thanks to the slope compensation
and the system reverts to a stable situation.
The SLOPE pin allows to properly set the amount of slope compensation connecting a
simple resistor RSLOPE between the SLOPE pin and the output. The compensation ramp
starts at 35% (typ.) of each switching period and its slope is given by the following equation:
Equation 5
Where KS = 5.8 ⋅10
10 s-1, V
BE = 2 V (typ.) and SE is the slope ramp in [A/s].
To avoid sub-harmonic instability, the compensating slope should be at least half the slope
of the inductor current during the off-phase when the duty-cycle is greater than 50%. The
value of
RSLOPE can be calculated according to equation 6.
Slave SYNC pin voltage
270mV threshold
FSW pin voltage (ext. sync)
Slave LX pin voltage
270ns minimum
AM00588v1
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
=
SLOPE
BE
IN
OUT
S
E
R
V
V
V
K
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com