Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 28Page - STMicroelectronics LED7707 Datasheet HTML 29Page - STMicroelectronics LED7707 Datasheet HTML 30Page - STMicroelectronics LED7707 Datasheet HTML 31Page - STMicroelectronics LED7707 Datasheet HTML 32Page - STMicroelectronics LED7707 Datasheet HTML 33Page - STMicroelectronics LED7707 Datasheet HTML 34Page - STMicroelectronics LED7707 Datasheet HTML 35Page - STMicroelectronics LED7707 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Application information
LED7707
32/48
6.3.3
Flywheel diode selection
The flywheel diode must be a Schottky type to minimize the losses. This component is
subject to an average current equal to the output one and must sustain a reverse voltage
equal to the maximum output rail voltage. Considering all the channels sinking 75 mA each
(i.e. 450 mA output current) and the maximum output voltage (36 V), the STP1L40M
(If,ave = 1 A, Vr = 40 V) diode is a good choice. Smaller diodes can be used in applications
involving lower output voltage and/or lower output current.
6.4
Design example
In order to help the design of an application using the LED7707, in this section a simple
step-by-step design example is provided.
A possible application could be the LED backlight in a 17” LCD panel using the LED7707.
Here below the possible application conditions are listed:
●
VIN = 12 ± 10 %
●
4 strings of 42 white LEDs (60 mA) each (arranged in 6 rows, 7LEDs per row)
●
VF, LEDs = 3.5 V ± 200 mV
6.4.1
Switching frequency setting
To reduce the number of the external components, the default switching frequency is
selected (660 kHz typ.) by connecting the FSW pin to AVCC pin.
However, in case a different switching frequency is required, a resistor from FSW pin and
ground can be connected, according to the equation (5) in section 4.1.5.
6.4.2
Row current setting
Considering the equation 9 in Section 5.2.1, the RRILIM resistor can be calculated as:
Equation 24
The closest standard commercial value is 30 k
Ω. The actual value of the row current will be
a little lower (61.7 mA).
6.4.3
Inductor choice
The boost section, as all DC-DC converters, can work in CCM (continuous conduction
mode) or in DCM (discontinuous conduction mode) depending on load current, input and
output voltage and other parameters, among which the inductor value.
In a boost converter it is usually preferable to work in DCM.
Once the load, the input and output voltage, and the switching frequency are fixed, the
inductor value defining the boundary between DCM and CCM operation can be calculated
as:
Ω
=
=
=
k
83
.
30
mA
60
V
1850
I
K
R
ROW
R
RILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com