Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 7Page - STMicroelectronics LED7707 Datasheet HTML 8Page - STMicroelectronics LED7707 Datasheet HTML 9Page - STMicroelectronics LED7707 Datasheet HTML 10Page - STMicroelectronics LED7707 Datasheet HTML 11Page - STMicroelectronics LED7707 Datasheet HTML 12Page - STMicroelectronics LED7707 Datasheet HTML 13Page - STMicroelectronics LED7707 Datasheet HTML 14Page - STMicroelectronics LED7707 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LED7707
Operation description
11/48
5
Operation description
The device can be divided into two sections: the boost section and the backlight driver
section. These sections are described in the next paragraphs.
Figure 3 provides an overview of the internal blocks of the device.
Figure 3.
Simplified block diagram
LDO5
BILIM
COMP
SYNC
FSW
RILIM
EN
FAULT
ROW4
PGND
LX
ROW6
DIM
VIN
ROW1
SLOPE
AVCC
ROW3
CONTROL
LOGIC
ROW2
+
_
Thermal
Shutdown
ROW5
OVSEL
+
_
SGND
Ext Sync
Detector
OSC
OVP
Boost_EN
1.2V
4V
MODE
Boost_EN
0.7V
Min Voltage
Selector
UVLO
UVLO
Detector
+5V
LDO
Ramp
Generator
Current Sense
1.172V
Soft Start
OVP
CTRL1
CTRL6
VROW1
VROW2
VROW5
VROW4
VROW3
VROW6
CTRL2
VTH,FLT
CTRL5
CTRL3
CTRL4
CTRL2
UVLO
CTRL3
CTRL4
CTRL5
CTRL6
Current
Generator 2
Current
Generator 3
Current
Generator 4
Current
Generator 5
Current
Generator 6
Current
Generator 1
Current Limit
LOGIC
Boost
Control
Logic
ZCD
gm
I to V
I to V
SS
MODE
÷2
Prot_EN
Prot_EN
AM00580v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com