Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 18Page - STMicroelectronics LED7707 Datasheet HTML 19Page - STMicroelectronics LED7707 Datasheet HTML 20Page - STMicroelectronics LED7707 Datasheet HTML 21Page - STMicroelectronics LED7707 Datasheet HTML 22Page - STMicroelectronics LED7707 Datasheet HTML 23Page - STMicroelectronics LED7707 Datasheet HTML 24Page - STMicroelectronics LED7707 Datasheet HTML 25Page - STMicroelectronics LED7707 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Operation description
LED7707
22/48
5.2.2
PWM dimming
The brightness control of the LEDs is performed by a pulse-width modulation of the rows
current. When a PWM signal is applied to the DIM pin, the current generators are turned on
and off mirroring the DIM pin behavior. Actually, the minimum dimming duty-cycle depends
on the dimming frequency.
The real limit to the PWM dimming is the minimum on-time that can be managed for the
current generators; this minimum on-time is approximately 10
μs.
Thus, the minimum dimming duty-cycle depends on the dimming frequency according to the
following formula:
Equation 10
For example, at a dimming frequency of 1 kHz, 1% of dimming duty-cycle can be managed.
During the off-phase of the PWM signal the boost converter is paused and the current
generators are turned off. The output voltage can be considered almost constant because of
the relatively slow discharge of the output capacitor. During the start-up sequence (see
Section 5.1.3 on page 14
) the dimming duty-cycle is forced to 100% to detect floating rows
regardless of the applied dimming signal.
Figure 15.
PWM dimming waveforms
5.3
Fault management
The main loop keeps the row having the lowest voltage drop regulated to about 700 mV.
This value slightly depends on the voltage across the remaining active rows. After the soft-
start sequence, all protections turn active and the voltage across the active current
generators is monitored to detect shorted LEDs.
DIM
min
,
DIM
f
s
10
D
⋅
μ
=
 
10µs minimum on-time
10µs minimum on-time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com