Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 19Page - STMicroelectronics LED7707 Datasheet HTML 20Page - STMicroelectronics LED7707 Datasheet HTML 21Page - STMicroelectronics LED7707 Datasheet HTML 22Page - STMicroelectronics LED7707 Datasheet HTML 23Page - STMicroelectronics LED7707 Datasheet HTML 24Page - STMicroelectronics LED7707 Datasheet HTML 25Page - STMicroelectronics LED7707 Datasheet HTML 26Page - STMicroelectronics LED7707 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
LED7707
Operation description
23/48
5.3.1
FAULT pin
The FAULT pin is an open-collector output, (with 4 mA current capability) active low, which
gives information regarding faulty conditions eventually detected. This pin can be used
either to drive a status LED or to warn the host system.
The FAULT pin status is strictly related to the MODE pin setting (see Table 7 for details).
5.3.2
MODE pin
The MODE pin is a digital input and can be connected to AVCC or SGND in order to choose
the desired fault detection and management. The LED7707 can manage a faulty condition
in two different ways, according to the application needs. Table 7 summarizes how the
device detects and handles the internal protections related to the boost section (over-
current, over-temperature and over-voltage) and to the current generators section (open and
shorted LEDs).
5.3.3
Open LED fault
In case a row is not connected or a LED fails open, the device has two different behaviors
according to the MODE pin status. If the MODE pin is high (i.e. connected to AVCC), the
FAULT pin is set high as soon as the device recognizes the event; the open row is excluded
from the control loop and the device continues to work properly with the remaining rows.
Thus, if less than six rows are used in the application, the MODE pin must be set high.
Connecting the MODE pin to SGND, the LED7707 behaves in a different manner: as soon
as an open row is detected the FAULT pin is tied low and the device is turned off. The
internal logic latches this status: to restore the normal operation, the device must be
restarted by toggling the EN pin or performing a Power-On Reset (POR occurs when the
voltage at the LDO5 pin falls below the lower UVLO threshold and subsequently rises above
the upper one).
Figure 16
shows an example of open channel detection in case of MODE connected to
AVCC.
Table 7.
Faults management summary
FAULT
MODE to GND
MODE to VCC
Internal MOSFET
over-current
FAULT pin HIGH
Power MOS turned OFF
Output over-voltage
FAULT pin LOW
Device turned OFF, latched condition
Thermal shutdown
FAULT pin LOW. Device turned OFF.
Automatic restart after 30 C temperature drop.
LED short circuit
“FAULT pin LOW, Device turned
OFF (100s masking time),
latched condition (Vth = 4.0 V)”
-
Open row(s)
FAULT pin LOW
Device turned OFF at first
occurrence, latched condition
FAULT pin HIGH faulty row(s)
disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com