Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 6Page - STMicroelectronics LED7707 Datasheet HTML 7Page - STMicroelectronics LED7707 Datasheet HTML 8Page - STMicroelectronics LED7707 Datasheet HTML 9Page - STMicroelectronics LED7707 Datasheet HTML 10Page - STMicroelectronics LED7707 Datasheet HTML 11Page - STMicroelectronics LED7707 Datasheet HTML 12Page - STMicroelectronics LED7707 Datasheet HTML 13Page - STMicroelectronics LED7707 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Electrical characteristics
LED7707
10/48
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OC and OV protections
VTH,OVP
Over-voltage protection
reference threshold
1.145
V
Soft-start and power management
EN, Turn-on level threshold
1.6
V
EN, Turn-off level threshold
0.8
DIM, high level threshold
1.3
DIM, low level threshold
0.8
EN, pull-up current
2.5
μA
SS, charge current
4
5
6
SS, end-of-startup threshold
2.0
2.4
2.8
V
SS, reduced switching
frequency release threshold
0.8
Current generators section
KR
Current generators gain
1850
V
ΔKR(1)
Current generators gain
accuracy
±2.0
%
VIFB
Feedback regulation voltage
700
750
mV
Irowx,
FAULT
Rows output maximum current
RRILIM = 21 kΩ
85
mA
Vrowx,
FAULT
LED short circuit detection
threshold
MODE tied to SGND
4.0
V
TMASK
LED short circuit detection
masking time
100
μs
VFAULT,
LOW
FAULT pin low-level voltage
IFAULT,SINK = 4 mA
200
350
mV
Thermal shutdown
TSHDN
Thermal shutdown
turn-off temperature
150
°C
Thermal shutdown hysteresis
30
1.
IROW = KR / RRILIM, IROW ≈ KR + RRILIM
Table 6.
Electrical characteristics (continued)
(VIN = 12 V; TA = 0 °C to 85 °C and LDO5 connected to AVCC if not otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com