Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 37Page - STMicroelectronics LED7707 Datasheet HTML 38Page - STMicroelectronics LED7707 Datasheet HTML 39Page - STMicroelectronics LED7707 Datasheet HTML 40Page - STMicroelectronics LED7707 Datasheet HTML 41Page - STMicroelectronics LED7707 Datasheet HTML 42Page - STMicroelectronics LED7707 Datasheet HTML 43Page - STMicroelectronics LED7707 Datasheet HTML 44Page - STMicroelectronics LED7707 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
LED7707
Application information
41/48
Figure 24.
LED7707 demonstration board schematic
Table 10.
LED7707 demonstration board component list
Component
Description
Package
Part number
MFR
Value
C1
Ceramic, 35 V
X5R, 20 %
SMD 1210
UMK325BJ106KM-T
Taiyo Yuden
10u
C2,C3
Ceramic, 50 V
X7R, 20 %
SMD 1206
GRM31CR71H475KA88B
Murata
4u7
C4
SMD 1206
GRM31CR71H225KA88B
N.M.
C5
Ceramic, 25 V
X5R, 20 %
SMD 0603
Standard
1u
C6
100n
C7
3n3
C8
4n7
C9
N.M.
C10
220p
C11
4n7
C12
N.M.
C13
15p
R1
Chip resistor
0.1 W, 1 %
SMD 0603
Standard
510k
R2
16k
R3
2k4
R4
4R7
R5
330k
R6
24k
R7
Chip resistor
0.1 W, 1 %
SMD 0603
Standard
360k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com