Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 35 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 31Page - STMicroelectronics LED7707 Datasheet HTML 32Page - STMicroelectronics LED7707 Datasheet HTML 33Page - STMicroelectronics LED7707 Datasheet HTML 34Page - STMicroelectronics LED7707 Datasheet HTML 35Page - STMicroelectronics LED7707 Datasheet HTML 36Page - STMicroelectronics LED7707 Datasheet HTML 37Page - STMicroelectronics LED7707 Datasheet HTML 38Page - STMicroelectronics LED7707 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
LED7707
Application information
35/48
TOFF can be calculated as:
Equation 35
defining D2 as:
Equation 36
The worst case for the output voltage ripple is when input voltage is lower (VIN,min = 10.8 V).
A simple way to select the COUT value is fixing a maximum voltage ripple.
In order to affect as less as possible the current generators, it would be better to fix the
maximum ripple lower than the typical voltage across the generators.
For example considering
ΔV
OUT lower than 70 mV (i.e. the 10 % of the voltage across the
leading generator), the required capacitance is:
Equation 37
A margin from the calculated value should be taken into account because of the
capacitance drop due to the applied voltage when MLCCs are used.
One 10 µF MLCC (or two 4.7 µF MLCCs) can be a good choice for this application.
In case a dimming duty cycle different from 100% is used, a further contribution to the
capacitor discharge (during the off time of the dimming cycle) should be considered.
6.4.5
Input capacitor choice
The input capacitor of a boost converter is less critical than the output capacitor, due to the
fact that the inductor is in series with the input, and hence, the input current waveform is
continuous.
A low ESR capacitor is always recommended.
A capacitor of 10 µF is tentatively a good choice for most of the applications.
⎩
⎨
⎧
=
=
=
⋅
=
V
2
.
13
V
@
ns
2
.
618
V
8
.
10
V
@
ns
7
.
569
D
T
T
max
,
IN
min
,
IN
2
SW
OFF
() ⎩⎨
⎧
=
=
=
−
⋅
⋅
⋅
⋅
=
V
2
.
13
V
@
408
.
0
V
8
.
10
V
@
376
.
0
1
M
R
M
L
F
2
D
max
,
IN
min
,
IN
0
SW
2
(
)
F
33
.
6
V
2
T
I
I
C
max
,
OUT
OFF
OUT
peak
,
L
OUT
μ
=
Δ
⋅
⋅
−
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com