Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 3Page - STMicroelectronics LED7707 Datasheet HTML 4Page - STMicroelectronics LED7707 Datasheet HTML 5Page - STMicroelectronics LED7707 Datasheet HTML 6Page - STMicroelectronics LED7707 Datasheet HTML 7Page - STMicroelectronics LED7707 Datasheet HTML 8Page - STMicroelectronics LED7707 Datasheet HTML 9Page - STMicroelectronics LED7707 Datasheet HTML 10Page - STMicroelectronics LED7707 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LED7707
Electrical data
7/48
3
Electrical data
3.1
Maximum rating
3.2
Thermal data
Table 3.
Absolute maximum ratings (1)
1.
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the
device. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Symbol
Parameter
Value
Unit
VAVCC
AVCC to SGND
-0.3 to 6
V
VLDO5
LDO5 to SGND
-0.3 to 6
PGND to SGND
-0.3 to 0.3
VIN
VIN to PGND
-0.3 to 40
VLX
LX to SGND
-0.3 to 40
LX to PGND
-0.3 to 40
RILIM, BILIM, SYNC, OVSEL, SS to SGND
-0.3 to VAVCC + 0.3
EN, DIM, SW, MODE, FAULT to SGND
-0.3 to 6
ROWx to PGND/ SGND
-0.3 to 40
SLOPE to VIN
VIN - 0.3 to VIN + 6
SLOPE to SGND
-0.3 to 40
Internal switch maximum RMS current
(flowing through LX node)
2.0
A
PTOT
Power dissipation @ TA = 25 °C
2.3 (2)
2.
Power dissipation referred to the device mounted on the demonstration board described in section 5.5
W
Maximum withstanding voltage range test condition:
CDF-AEC-Q100-002- “human body model” acceptance
criteria: “normal performance”
±1000
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
42
°C/W
TSTG
Storage temperature range
-20 to 125
°C
TJ
Junction operating temperature range
-50 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com