Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 1 Page - STMicroelectronics

  LED7707 Datasheet HTML 1Page - STMicroelectronics LED7707 Datasheet HTML 2Page - STMicroelectronics LED7707 Datasheet HTML 3Page - STMicroelectronics LED7707 Datasheet HTML 4Page - STMicroelectronics LED7707 Datasheet HTML 5Page - STMicroelectronics LED7707 Datasheet HTML 6Page - STMicroelectronics LED7707 Datasheet HTML 7Page - STMicroelectronics LED7707 Datasheet HTML 8Page - STMicroelectronics LED7707 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
September 2008
Rev 1
1/48
48
LED7707
6-rows 85 mA LEDs driver with boost regulator
for LCD panels backlight
Features
■ Boost section
– 4.5 V to 36 V input voltage range
– Internal power MOSFET
– Internal +5 V LDO for device supply
– Up to 36 V output voltage
– Constant frequency peak current-mode
control
– 250 kHz to 1 MHz adjustable switching
frequency
– External synchronization for multi-device
application
– Pulse-skip power saving mode at light load
– Programmable soft-start
– Programmable OVP protection
– Stable with ceramic output capacitors
– Thermal shutdown
■ Backlight driver section
– Six rows with 85 mA maximum current
capability (adjustable)
– Rows disable option
– Less than 10
μs minimum dimming time
– ±2 % current matching between rows
– LED failure (open and short-circuit)
detection
Applications
■ LCD monitors and TV panels
■ PDAs panel backlight
■ GPS panel backlight
Description
The LED7707 consists of a high efficiency
monolithic boost converter and six controlled
current generators (rows) specifically designed to
supply LEDs arrays used in the backlighting of
LCD panels. The device can manage an output
voltage up to 36 V (i.e. 10 white LEDs per row).
The generators can be externally programmed to
sink up to 85 mA and can be dimmed via a PWM
signal (1 % dimming duty-cycle at 1 kHz can be
managed). The device allows to detect and
manage the open and shorted LED faults and to
let unused rows floating. Basic protections (output
over-voltage, internal MOSFET over-current and
thermal shutdown) are provided.
VFQFPN-24 4x4
Table 1.
Device summary
Order codes
Package
Packaging
LED7707
VFQFPN-24 4x4 (exposed pad)
Tube
LED7707TR
Tape and reel
www.st.com


Similar Part No. - LED7707

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
Infrared LED Lamp
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7706TR STMICROELECTRONICS-LED7706TR Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7708 STMICROELECTRONICS-LED7708 Datasheet
861Kb / 53P
16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
May 2012 Rev 1
LED7708TR STMICROELECTRONICS-LED7708TR Datasheet
861Kb / 53P
16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
May 2012 Rev 1
More results

Similar Description - LED7707

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PM6600 ONSEMI-PM6600 Datasheet
768Kb / 43P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
January 2008 Rev 2
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
6-row 32 mA LED driver with boost regulator for LCD panel backlight
07-Apr-2008
logo
Semtech Corporation
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
Backlight Driver for 6 LEDs with SemPulse짰 Interface
logo
Rohm
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
logo
STMicroelectronics
STEVAL-ISA056V1 STMICROELECTRONICS-STEVAL-ISA056V1 Datasheet
98Kb / 4P
6 rows - 30 mA LEDs driver with boost converter for LCD panels backlight evaluation board based on the PM6600
10-Mar-2008
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
6-row 85 mA LED driver with boost
26-May-2009
logo
Rohm
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
Simple Structure Constant Current Backlight Driver for LCD panels
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
23-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com