Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 38 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 34Page - STMicroelectronics LED7707 Datasheet HTML 35Page - STMicroelectronics LED7707 Datasheet HTML 36Page - STMicroelectronics LED7707 Datasheet HTML 37Page - STMicroelectronics LED7707 Datasheet HTML 38Page - STMicroelectronics LED7707 Datasheet HTML 39Page - STMicroelectronics LED7707 Datasheet HTML 40Page - STMicroelectronics LED7707 Datasheet HTML 41Page - STMicroelectronics LED7707 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Application information
LED7707
38/48
In order to estimate also the efficiency, other contributions to the power dissipation must be
added to PD, tot (which represents only the power dissipated by the device), that is:
Equation 47
where VF, Diode = 0.4 V
Equation 48
where DCR = 80 m
Ω (typical DCR of the recommended inductors).
Therefore the total dissipated power is:
Equation 49
Considering the input power as the result of input voltage multiplied by the input current, the
estimated efficiency is:
Equation 50
Note:
It is important to remind that the previous calculations consider the worst case, especially for
the power dissipated on the current generators.
Statistical analysis (confirmed by bench measurements) shows that the series connection of
more LEDs on each channel leads to compensation effects.
The hypothesis 3 above mentioned is thus rather unlikely.
Therefore PGEN is significantly lower and the overall efficiency is typically around 90 %.
mW
133
D
I
V
P
2
IN
Diode
,
F
Diode
,
DISS
=
⋅
⋅
=
mW
63
I
DCR
I
DCR
P
2
IN
2
RMS
,
Ind
Ind
,
DISS
=
⋅
≅
⋅
=
W
316
.
1
P
P
P
P
Ind
,
DISS
Diode
,
DISS
tot
,
D
TOTAL
,
DISS
=
+
+
=
862
.
0
P
P
P
IN
TOT
,
DISS
IN
=
−
=
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com