Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED7707
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED7707 Datasheet HTML 8Page - STMicroelectronics LED7707 Datasheet HTML 9Page - STMicroelectronics LED7707 Datasheet HTML 10Page - STMicroelectronics LED7707 Datasheet HTML 11Page - STMicroelectronics LED7707 Datasheet HTML 12Page - STMicroelectronics LED7707 Datasheet HTML 13Page - STMicroelectronics LED7707 Datasheet HTML 14Page - STMicroelectronics LED7707 Datasheet HTML 15Page - STMicroelectronics LED7707 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Operation description
LED7707
12/48
5.1
Boost section
5.1.1
Functional description
The LED7707 is a monolithic LEDs driver for the backlight of LCD panels and it consists of a
boost converter and six PWM-dimmable current generators.
The boost section is based on a constant switching frequency, peak current-mode
architecture. The boost output voltage is controlled such that the lowest row's voltage,
referred to SGND, is equal to an internal reference voltage (700 mV typ.). The input voltage
range is from 4.5 V up to 36 V. In addition, the LED7707 has an internal LDO that supplies
the internal circuitry of the device and is capable to deliver up to 40 mA. The input of the
LDO is the VIN pin.
The LDO5 pin is the LDO output and the supply for the power MOSFET driver at the same
time. The AVCC pin is the supply for the analog circuitry and should be connected to the
LDO output through a simple RC filter in order to improve the noise rejection.
Figure 4.
AVCC filtering
Two loops are involved in regulating the current sunk by the generators.
The main loop is related to the boost regulator and uses a constant frequency peak current-
mode architecture to regulate the power rail that supplies the LEDs (Figure 5), while an
internal current loop regulates the same current (flowing through the LEDs) at each row
according to the set value (RILIM pin).
Figure 5.
Main loop and current loop diagram
VIN
LDO5
AVCC
SGND
CLDO5
1u
CAVCC
100n
Rfilt
4R
LDO
LED7707
AM00581v1
VIN
0.7V
PWM
Minimum voltage drop
selector
COMP
LX
ROWx
SGND
RILIM
E/A
Slope
Error amplifier
AM00582v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com